Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C64B-2GI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C64B-2GI
Description  64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C64B-2GI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C64B-2GI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. A
04/12/06
IS24C32A/B
IS24C64A/B
ISSI®
DEVICE OPERATION
IS24CXX features serial communication and supports a bi-
directional 2-wire bus transmission protocol called I2CTM.
2-WIRE BUS
The two-wire bus is defined as a Serial Data line (SDA), and
a Serial Clock line (SCL). The protocol defines any device
that sends data onto the SDA bus as a transmitter, and the
receiving devices as receivers. The bus is controlled by a
Master device that generates the SCL, controls the bus
access, and generates the Stop and Start conditions. The
IS24CXX is the Slave device on the bus.
The Bus Protocol:
– Data transfer may be initiated only when the bus is not
busy
– During a data transfer, the SDA line must remain stable
whenever the SCL line is high. Any changes in the SDA
line while the SCL line is high will be interpreted as a
Start or Stop condition.
The state of the SDA line represents valid data after a Start
condition. The SDA line must be stable for the duration of
the High period of the clock signal. The data on the SDA
line may be changed during the Low period of the clock
signal. There is one clock pulse per bit of data. Each data
transfer is initiated with a Start condition and terminated
with a Stop condition.
Start Condition
The Start condition precedes all commands to the device
and is defined as a High to Low transition of SDA when SCL
is High. The EEPROM monitors the SDA and SCL lines and
will not respond until the Start condition is met.
Stop Condition
The Stop condition is defined as a Low to High transition of
SDA when SCL is High. All operations must end with a Stop
condition.
Acknowledge (ACK)
After a successful data transfer, each receiving device is
required to generate an ACK. The Acknowledging device
pulls down the SDA line.
Reset
The IS24CXX contains a reset function in case the 2-
wire bus transmission is accidentally interrupted (eg. a
power loss), or needs to be terminated mid-stream. The
reset is caused when the Master device creates a Start
condition. To do this, it may be necessary for the Master
device to monitor the SDA line while cycling the SCL up
to nine times. (For each clock signal transition to High,
the Master checks for a High level on SDA.)
Standby Mode
Power consumption is reduced in standby mode. The
IS24CXX will enter standby mode: a) At Power-up, and
remain in it until SCL or SDA toggles; b) Following the Stop
signal if a no write operation is initiated; or c) Following any
internal write operation.


Similar Part No. - IS24C64B-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64-2 ISSI-IS24C64-2 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64-3 ISSI-IS24C64-3 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C64B-2GI

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com