Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV44052 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41LV44052
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV44052 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41LV44052 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV44052 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. C
06/24/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
IS41C4405X
IS41LV4405X SERIES
ISSI®
FEATURES
• Fast Page Mode Access Cycle
• TTL compatible inputs and outputs
• Refresh Interval:
-- 2,048 cycles/32 ms
-- 4,096 cycles/64 ms
• Refresh Mode:
RAS-Only,
CAS-before-RAS (CBR), and Hidden
• Single power supply:
5V±10% or 3.3V ± 10%
• Byte Write and Byte Read operation via two
CAS
• Industrial temperature range -40°C to 85°C
DESCRIPTION
The
ISSI 4405x Series is a 4,194,304 x 4-bit high-performance
CMOS Dynamic Random Access Memory. The Fast
Page Mode allows 2,048 or 4096 random accesses within
a single row with access cycle time as short as 20 ns per
4-bit word.
These features make the 4405x Series ideally suited for
high-bandwidth graphics, digital signal processing,
high-performance computing systems, and peripheral
applications.
The 4405x Series is packaged in a 24-pin 300-mil SOJ
with JEDEC standard pinouts.
4M x 4 (16-MBIT) DYNAMIC RAM
WITH FAST PAGE MODE
JUNE 2001
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
RAS Access Time (tRAC)50
60
ns
CAS Access Time (tCAC)13
15
ns
Column Address Access Time (tAA)
25
30
ns
Fast Page Mode Cycle Time (tPC)
20
25
ns
Read/Write Cycle Time (tRC)
84
104
ns
PRODUCT SERIES OVERVIEW
Part No.
Refresh
Voltage
IS41C44052
2K
5V ± 10%
IS41C44054
4K
5V ± 10%
IS41LV44052
2K
3.3V ± 10%
IS41LV44054
4K
3.3V ± 10%
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
I/O0
I/O1
WE
RAS
*A11(NC)
A10
A0
A1
A2
A3
VCC
GND
I/O3
I/O2
CAS
OE
A9
A8
A7
A6
A5
A4
GND
* A11 is NC for 2K Refresh devices.
PIN DESCRIPTIONS
A0-A11
Address Inputs (4K Refresh)
A0-A10
Address Inputs (2K Refresh)
I/O0-3
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
24 (26) Pin SOJ


Similar Part No. - IS41LV44052

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV44052B ISSI-IS41LV44052B Datasheet
314Kb / 17P
   Fast Page Mode Access Cycle
More results

Similar Description - IS41LV44052

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com