Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS34C02-2SLI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS34C02-2SLI
Description  2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS34C02-2SLI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS34C02-2SLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS34C02-2SLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
ADVANCED INFORMATION
Rev. 00E
01/12/05
IS34C02
ISSI®
Figure 5. Slave Address
Figure 4. Data Validity Protocol
SCL
SDA
Data Stable
Data Stable
Data Change
7
BIT
43
1
2
5
60
R/
W
A0
A1
A2
0
1
0
1
Normal
Instruction
7
BIT
43
1
2
5
60
R/
W
A0
A1
A2
0
1
01
Permanent Write Protect
Instruction
Figure 6. Byte Write
Figure 7. Page Write
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
M
S
B
W
R
I
T
E
S
T
O
P
R/
W
A
C
K
A
C
K
A
C
K
Data
Device
Address
Word Address
***
* Acknowledges provided by the slave regardless of hardware or software Write Protection.
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
W
R
I
T
E
A
C
K
A
C
K
A
C
K
A
C
K
Data (n+1)
Data (n)
Word Address (n)
Device
Address
S
T
O
P
A
C
K
Data (n+15)
R/W
**
*
*
*
* Acknowledges provided by the slave regardless of hardware or software Write Protection.


Similar Part No. - IS34C02-2SLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
IS34C02B-2DLI ISSI-IS34C02B-2DLI Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
IS34C02B-2ZLI ISSI-IS34C02B-2ZLI Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results

Similar Description - IS34C02-2SLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com