Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C256A-3GLA3 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS24C256A-3GLA3
Description  128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C256A-3GLA3 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS24C256A-3GLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C256A-3GLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
ADVANCEDINFORMATION
Rev. 00B
06/27/06
ISSI®
IS24C128A
IS24C256A
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
–0.5 to +6.5
V
VP
Voltage on Any Pin
–0.5 to Vcc +0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stresses violating the conditions listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only. Functional operation of the
device outside these conditions or those indicated in the operational sections of this
specification is not implied. Exposure to these conditions for extended periods may affect
reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
OPERATING RANGE (IS24C128A/256A-3)
Range
Ambient Temperature
VCC
Automotive
–40°C to +125°C
2.5V to 5.5V
OPERATING RANGE (IS24C128A/256A-2)
Range
Ambient Temperature
VCC
Industrial
–40°C to +85°C
1.8V to 5.5V
Note: ISSI offers Industrial grade for Commercial application (0oC to +70oC).


Similar Part No. - IS24C256A-3GLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C256 ISSI-IS24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2G ISSI-IS24C256-2G Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2GI ISSI-IS24C256-2GI Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2P ISSI-IS24C256-2P Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2PI ISSI-IS24C256-2PI Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C256A-3GLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com