Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C256A-2WI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS24C256A-2WI
Description  128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C256A-2WI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS24C256A-2WI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C256A-2WI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
ADVANCEDINFORMATION
Rev. 00B
06/27/06
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS24C128A
IS24C256A
128K-bit/ 256K-bit
2-WIRE SERIAL CMOS EEPROM
ADVANCED INFORMATION
JULY 2006
DESCRIPTION
The IS24C128A/256A is an electrically erasable PROM
device that uses the standard 2-wire interface for
communications. The IS24C128A is 128K-bit (16Kx8)
and the IS24C256A is 256K-bit (32Kx8). These
EEPROM are offered in a wide operating voltage range
of 1.8V to 5.5V to be compatible with most application
voltages. ISSI designed the IS24C128A/256A to be an
efficient 2-wire EEPROM solution. The devices are
packaged in 8-pin PDIP, 8-pin (JEDEC) SOIC, and 8-
pin (EIAJ) SOIC.
The IS24C128A/256A maintains compatibility with the
popular 2-wire bus protocol, so it is easy to design into
applications implementing this bus type. The simple
bus consists of the Serial Clock wire (SCL) and the
Serial Data wire (SDA). Using the bus, a Master device
such as a microcontroller is usually connected to one
or more Slave devices such as the IS24C128A/256A.
The bit stream over the SDA line includes a series of
bytes, which identifies a particular Slave device, an
instruction, an address within that Slave device, and a
series of data, if appropriate. The IS24C128A/256A has
a Write Protect pin (WP) to allow blocking of any write
instruction transmitted over the bus.
FEATURES
• Two-Wire Serial Interface, I2CTM compatible
–Bi-directional data transfer protocol
• Wide Voltage Operation
–Vcc = 1.8V to 5.5V
• 400 KHz (2.5V) and 1 MHz (5.0V) compatibility
• Low Power CMOS Technology
–Active Current less than 3 mA (2.5V)
–Standby Current less than 20 µA (2.5V)
• Hardware Data Protection
–Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time write cycle with auto clear
–5 ms @ 2.5V
• Organization:
–16Kx8 (256 pages of 64 bytes)
–32Kx8 (512 pages of 64 bytes)
• 64 Byte Page Write Buffer
• High Reliability
–Endurance: 1,000,000 Cycles
–Data Retention: 40 Years
• Industrial and Automotive temperature ranges
• 8-pin PDIP, 8-pin (JEDEC) SOIC, and 8-pin
(EIAJ) SOIC packages
• Lead-free available


Similar Part No. - IS24C256A-2WI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C256 ISSI-IS24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2G ISSI-IS24C256-2G Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2GI ISSI-IS24C256-2GI Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2P ISSI-IS24C256-2P Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256-2PI ISSI-IS24C256-2PI Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C256A-2WI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com