Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9206DHZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9206DHZ-T
Description  FlexiHash For Battery Authentication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9206DHZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9206DHZ-T Datasheet HTML 7Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 8Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 9Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 10Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 11Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 12Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 13Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 14Page - Intersil Corporation ISL9206DHZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN9260.0
March 9, 2006
Bus Transaction Protocol
The XSD bus for the ISL9206 defines three types of bus
transactions. Figure 10 shows the bus transaction protocol.
The blue color represents the signal sent by the host and the
green color stands for the signal sent by the device. Before
the transaction starts, the host should make sure that the
XSD device is not in the sleep mode. One method is to
always send a ‘break’ signal before starting the transaction,
as shown in Figure 10. If the device is not in the sleep mode,
the ‘break’ signal is not mandatory. The ‘break’ pulse width
may appear to be wider than what the host sends out
because of the reason explained in Figure 4. The symbols in
Figure 10 are explained in Table 7.
Passive CRC Support
The CRC feature only supports the read transaction in the
ISL9206. When the OPCODE in the instruction is ‘10’, an
8-bit CRC is automatically calculated for the data bytes
being transferred out. The CRC result is then appended after
the last data byte is read out.
CRC is generated using the DOW CRC polynomial as
follows:
Polynom = 1 + X4 + X5 + X8
The CRC generation algorithm is logically illustrated in
Figure 11. Prior to a new CRC calculation, the LFSR (linear
feedback shift register) is initialized to zero. The read data to
be transmitted out is concurrently shifted into the CRC
calculator. After the actual data is transmitted out, the final
content of the LFSR is the resulting CRC value. This value is
transmitted out after the read data, with LSB being
transmitted out first.
TABLE 7. SYMBOLS IN THE BUS TRANSACTION PROTOCOL
SYM
DESCRIPTION
MIN
TYP
MAX
IFGH Host inter-frame gap
0 BTH
800ms
IFGD Device inter-frame gap
1 BTD
TAH Host turn-around time
1 BTH
800ms
TAD Device turn-around time
1 BTD
FIGURE 10. XSD BUS TRANSACTION PROTOCOL. THE ‘BREAK’ SIGNAL IS OPTIONAL IF THE DEVICE IS AWAKE
IFGH
H
Write Instruction Frame
Data Frame 1
Data Frame 2
IFG
break
T
SD
D
TAD
Read Instruction Frame
Data Frame 1
(output from slave)
(output from slave)
Data Frame 2
IFG D
break
T
SD
(output from slave)
D
H
Read Instruction Frame
Data Frame
Next Instruction
Frame
TA
TA H
break
T
SD
(A) Multi-Byte Write Instruction.
(B) Multi-Byte Read Instruction.
(C) Back-to-Back Transaction (Read Followed by Write).
1st
Stage
2nd
Stage
3rd
Stage
4th
Stage
5th
Stage
7th
Stage
8th
Stage
Serial
Output
6th
Stage
LSB
MSB
FIGURE 11. THE CRC CALCULATOR FOR THE PASSIVE CRC SUPPORT
Data
Serial
ISL9206


Similar Part No. - ISL9206DHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9206DHZ-T INTERSIL-ISL9206DHZ-T Datasheet
347Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL9206DHZ-T RENESAS-ISL9206DHZ-T Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
More results

Similar Description - ISL9206DHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
   FlexiHash For Battery Authentication
July 30, 2008
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206_07 Datasheet
347Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
   FlexiHash™ For Battery Authentication
May 26, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com