Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS23SC4428-X7 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS23SC4428-X7
Description  1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC4428-X7 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS23SC4428-X7 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC4428-X7 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
REV. A
11/01/01
ISSI®
IS23SC4418
IS23SC4428
ISSI®
Table 1. Control Words for IS23SC4418/4428 Commands
Command Name
Byte 1
Byte 2
Byte 3
S0 S1 S2 S3 S4 S5
A8 A9
A0-A7
D0-D7
Read 8-bits data without protect bit
011100
A8 A9
A0-A7
Don't Care
Read 9-bits data with protect bit
001100
A8 A9
A0-A7
Don't Care
Write and erase without protect bit(1)
110011
A8 A9
A0-A7
Input data
Write and erase with protect bit(1)
100011
A8 A9
A0-A7
Input data
Write protect bit with data comparison(1)
000011
A8 A9
A0-A7
Compare data
Additional Commands for IS23SC4428 only(3)
Write Error Counter
010011
1
1
FDH
Bit Mask
Verify first PSC byte
101100
1
1
FEH
PSC byte 1
Verify second PSC byte
101100
1
1
FFH
PSC byte 2
Write and erase first PSC byte
110011
1
1
FEH
PSC byte 1
without protect bit(2)
Write and erase second PSC byte
110011
1
1
FFH
PSC byte 2
without protect bit(2)
Write and erase first PSC byte
100011
1
1
FEH
PSC byte 1
with protect bit(2)
Write and erase second PSC byte
100011
1
1
FFH
PSC byte 2
with protect bit(2)
Read 8-bits first PSC byte
011100
1
1
FEH
Don't Care
without protect bit(2)
Read 8-bits second PSC byte
011100
1
1
FFH
Don't Care
without protect bit
Read 9-bits first PSC byte
001100
1
1
FEH
Don't Care
with protect bit
Read 9-bits second PSC byte
001100
1
1
FFH
Don't Care
with protect bit
Notes:
1. If the protect bit of the byte address is enabled, the write command will have no effect on the byte content.
2. If the protect bit of the PSC byte is enabled, the write command will have no effect on the PSC byte.
3. For IS23SC4428, locations (1021-1023) are occupied by Error Counter and PSC codes and thus cannot be used for general data
storage.


Similar Part No. - IS23SC4428-X7

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
More results

Similar Description - IS23SC4428-X7

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
logo
Infineon Technologies A...
SLE5542 INFINEON-SLE5542 Datasheet
128Kb / 6P
   Intelligent 256-Byte EEPROM with Write Protection function and Programmable Security Code
2006-05-19
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
KODENSHI_AUK CORP.
KK4428 KODENSHI-KK4428 Datasheet
292Kb / 9P
   1?-byte EEPROM microcircuit with function of protection for writing and programmable secret code.
logo
Ceramate Technical
24LC02 CERAMATE-24LC02 Datasheet
225Kb / 12P
   2048-Bits Serial EEPROM with Write Protect
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
logo
National Semiconductor ...
NM24C09 NSC-NM24C09 Datasheet
312Kb / 11P
   8192-Bit Serial EEPROM with Synchronous Serial Bus and Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com