Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS23SC4428-X3 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS23SC4428-X3
Description  1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC4428-X3 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS23SC4428-X3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS23SC4428-X3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
REV. A
11/01/01
ISSI®
IS23SC4418
IS23SC4428
ISSI®
IS23SC4428 SECURITY FEATURES
Overview
Without entering Programmable Security Code (PSC), only
memory read access is possible. However, the content of the
PSC addresses (1022 and 1023) cannot be read out. If
reading PSC is attempted, 00H will be output. The PSC
verification procedure must be performed in the following
sequence:
1. Write one to not-written Error Counter bit, address 1021
2. Enter first PSC byte, address 1022
3. Enter second PSC byte, address 1023
4. After successful PSC verification, the Error Counter
should be erased to reactivate the 8 PSC entry attempts.
If the PSC entry is incorrect, go back to step 1. If all the
Error Counter bits have been written, any further PSC
entry will be blocked and the memory can never be
changed again.
Writing Error Counter
The number of erased bits (logic 1) in Error Counter determines
the number of possible attempts (maximum of eight). Before
PSC entry, only writing of error counter is possible. After PSC
is successfully verified, the counter can now be erased.
Before disconnecting the supply voltage Vcc, the counter
should be erased in order to reactivate the eight attempts.
(See Figure 10.)
Entry of PSC
The least significant PSC byte beginning with the least
significant bit must be entered first and then the most significant
(see Table 1). If both PSC byte 1's and byte 2's comparisons
prove correct, the memory erase/write access will be enabled
and PSC may be changed as wished, except the
corresponding protect bits are 0 (enabled). (See Figure 11.)
Condition when supplied
IS23SC4428 is supplied by the manufacturer with a 2-byte
PSC (transport security code) which is determined in
cooperation with the customer.
RST
I/O
CLK
E/W
(internal
signal)
Command
Entry
Writing Error Counter
Write
0
S0
D6
23
0
1
2
99
102
D7
S1
Figure 10. Writing Error Counter


Similar Part No. - IS23SC4428-X3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
More results

Similar Description - IS23SC4428-X3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
logo
Infineon Technologies A...
SLE5542 INFINEON-SLE5542 Datasheet
128Kb / 6P
   Intelligent 256-Byte EEPROM with Write Protection function and Programmable Security Code
2006-05-19
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
KODENSHI_AUK CORP.
KK4428 KODENSHI-KK4428 Datasheet
292Kb / 9P
   1?-byte EEPROM microcircuit with function of protection for writing and programmable secret code.
logo
Ceramate Technical
24LC02 CERAMATE-24LC02 Datasheet
225Kb / 12P
   2048-Bits Serial EEPROM with Write Protect
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
logo
National Semiconductor ...
NM24C09 NSC-NM24C09 Datasheet
312Kb / 11P
   8192-Bit Serial EEPROM with Synchronous Serial Bus and Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com