Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS23SC4428-X6I Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS23SC4428-X6I
Description  1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC4428-X6I Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS23SC4428-X6I Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS23SC4428-X6I Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
REV. A
11/01/01
ISSI®
IS23SC4418
IS23SC4428
ISSI®
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 5.0V ± 10%, GND = 0V)
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
ICC
Supply Current
310
mA
VIH
Input HIGH Voltage (I/O, CLK, RST)
3.5
5.0
V
VIL
Input LOW Voltage (I/O, CLK, RST)
0
0.8
V
IIH
Input HIGH Current (I/O, CLK, RST)
——
10
µA
IOL
Output LOW Current
VOL = 0.4V, open drian
0.5
——
mA
IOH
output HIGH Leakage Current
VOH = 5V, open drian
——
10
µA
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 5.0V ± 10%, GND = 0V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fC
Clock Frequency
20
KHz
tRE
Reset Time
9
——
µs
tARE
Answer to Reset
20
50
µs
tH
Clock HIGH Period
10
——
µs
tL
Clock LOW Period
10
——
µs
tW
Write Time
(fc = 20 KHz)
5
——
ms
tE
Erase Time
(fc = 20 KHz)
5
——
ms
tRSTS1
Reset Setup Time 1
4
——
µs
tRSTS2
Reset Setup Time 2
4
——
µs
tRSTH
Reset Hold Time
4
——
µs
tDS
Write Data Setup Time
4
——
µs
tDH
Write Data Hold Time
4
——
µs
tD
Read Data Delay Time
6
——
µs
tR
Rise Time (I/O, CLK, RST)
——
1µs
tF
Fall Time (I/O, CLK, RST)
——
1µs


Similar Part No. - IS23SC4428-X6I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
More results

Similar Description - IS23SC4428-X6I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
logo
Infineon Technologies A...
SLE5542 INFINEON-SLE5542 Datasheet
128Kb / 6P
   Intelligent 256-Byte EEPROM with Write Protection function and Programmable Security Code
2006-05-19
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
KODENSHI_AUK CORP.
KK4428 KODENSHI-KK4428 Datasheet
292Kb / 9P
   1?-byte EEPROM microcircuit with function of protection for writing and programmable secret code.
logo
Ceramate Technical
24LC02 CERAMATE-24LC02 Datasheet
225Kb / 12P
   2048-Bits Serial EEPROM with Write Protect
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
logo
National Semiconductor ...
NM24C09 NSC-NM24C09 Datasheet
312Kb / 11P
   8192-Bit Serial EEPROM with Synchronous Serial Bus and Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com