Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74F125
Description  Quad buffers 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F125 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F125 Datasheet HTML 1Page - NXP Semiconductors 74F125 Datasheet HTML 2Page - NXP Semiconductors 74F125 Datasheet HTML 3Page - NXP Semiconductors 74F125 Datasheet HTML 4Page - NXP Semiconductors 74F125 Datasheet HTML 5Page - NXP Semiconductors 74F125 Datasheet HTML 6Page - NXP Semiconductors 74F125 Datasheet HTML 7Page - NXP Semiconductors 74F125 Datasheet HTML 8Page - NXP Semiconductors 74F125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F125, 74F126
Quad buffers (3-State)
March 28, 1989
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 1
2.0
3.0
4.0
5.5
6.0
7.5
2.0
3.0
6.5
8.0
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F125
Waveform 2
Waveform 3
3.5
4.0
5.5
6.0
7.5
8.0
3.5
4.0
8.5
9.0
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 2
Waveform 3
1.5
1.5
3.5
3.5
5.0
5.5
1.5
1.5
6.0
6.0
ns
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 1
2.0
3.0
4.0
5.5
6.5
8.0
2.0
3.0
7.0
8.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F126
Waveform 2
Waveform 3
4.0
4.0
6.0
6.0
7.5
8.0
3.5
3.5
8.5
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 2
Waveform 3
2.0
3.0
4.5
5.5
6.5
7.5
2.0
3.0
7.5
8.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Qn
Dn
tPLH
tPHL
SF00125
Waveform 1.
Propagation Delay for Input to Output
VOH–0.3V
VM
VM
VM
Qn
OEn
tPZH
tPHZ
SF00126
OEn
0V
Waveform 2.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VOL+0.3V
VM
VM
VM
Qn
OEn
tPZL
tPLZ
SF00127
OEn
Waveform 3.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MM74HC125 3-STATE Quad Buffers 1  2  3  4  5  More Fairchild Semiconductor
IN74HCT125A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74HCT126A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
74VHCT125A QUAD BUS BUFFERS 3-STATE 1  2  3  4  5  More STMicroelectronics
SN54LS125A QUAD 3-STATE BUFFERS 1  2  3  4  5  Motorola, Inc
74VHCT126A QUAD BUS BUFFERS 3-STATE 1  2  3  4  5  More STMicroelectronics
IN74VHCT125 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.
74ACT125 QUAD BUS BUFFERS 3-STATE 1  2  3  4  5  More STMicroelectronics
M54HCT125 QUAD BUS BUFFERS 3-STATE 1  2  3  4  5  More STMicroelectronics
IN74VHCT126 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn