Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR244NG00502CE-2 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR244NG00502CE-2
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR244NG00502CE-2 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR244NG00502CE-2 Datasheet HTML 1Page - Fujitsu Component Limited. FBR244NG00502CE-2 Datasheet HTML 2Page - Fujitsu Component Limited. FBR244NG00502CE-2 Datasheet HTML 3Page - Fujitsu Component Limited. FBR244NG00502CE-2 Datasheet HTML 4Page - Fujitsu Component Limited. FBR244NG00502CE-2 Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NOT
FOR
NEW
DESIGNS
s FEATURES
q
Gold-overlay bifurcated contact
Contact material and shape especially suitable for signal
switching; assures reliability at low level switching.
q
Conforms to FCC68 standards
High voltage relays are also available with dielectric
strength greater than 1,000 VAC and surge strength
greater than 1,500 V.
q
Formed terminals for temporary mounting
Kink terminals enable FBR240 Series relays to be mounted
temporarily on a PC board.
q
Automatic mounting
Shipped in carrier case plastic magazine suitable for auto-
matic mounting.
q
UL and CSA recognized
(a)
Series Name
FBR244: FBR244 Series
(b)
Enclosure
Nil
: Flux free type
N
: Plastic sealed type
(c)
Coil Type
D
: Standard (nominal power 0.5 W type)
G
: G type (nominal power 0.55 W type)
(d)
Nominal Voltage
(Example) Standard
(Example) G type
003: 3 VDC
005: 4.5 VDC
012: 12 VDC
009:
9 VDC
(refer to the COIL DATA CHART)
(e)
Contact Arrangement
02C : 2 form C (DPDT)
(f)
Contact Style and Contact Material
T
: Bifurcated, gold-overlay silver contact
E
: Bifurcated, gold-overlay silver-palladium contact
S
: Single, gold-overlay silver contact
P
: Single, gold-overlay silver-palladium contact
(g)
Special Type
Nil
: Standard
-2
: High dielectric strength type
(h)
Safety Specification
Nil
: Standard
-UL : UL114 recognized
-CSA : UL114 + CSA recognized
Note: The designation name is stamped on the top of the relay case as follows:
(Example) Designation ordered: FBR244D012/02CE
Stamp: 244D012/02CE
s ORDERING INFORMATION
FBR244
N
D
012 / 02C
S
-2
-CSA
[Example]
(a)
(b)
(c)
(d)
(e)
(f )
(g)
(h)
FBR244 SERIES
FUJITSU TAKAMISAWA
COMPONENT CATALOG
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)
1


Similar Part No. - FBR244NG00502CE-2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
logo
RFE international
FBR200F RFE-FBR200F Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
FBR200UF RFE-FBR200UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
First Components Intern...
FBR20100 FCI-FBR20100 Datasheet
123Kb / 2P
   20 Amp HV SCHOTTKY BARRIER RECTIFIERS
FBR20100 FCI-FBR20100 Datasheet
70Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR244NG00502CE-2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com