Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS23SC4428-X3I Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS23SC4428-X3I
Description  1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC4428-X3I Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS23SC4428-X3I Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS23SC4428-X3I Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Integrated Silicon Solution, Inc. — 1-800-379-4774
REV. A
11/01/01
IS23SC4418
IS23SC4428
ISSI®
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Unit
Vcc
Supply Voltage
–0.3
6
V
VI
Input Voltage
–0.3
6
V
TSTG
Storage Temperature
–40
125
°C
PMAX
Power Dissipation
60
mV
CAPACITANCE (TA = 25°C, VCC = 5.0V ± 10%, f = 1 MHZ)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
RST
I/O
CLK
Command
Command
Entry
Verification
in Progress
Address
A0 = 0 for PSC byte 1
A0 = 1 for PSC byte 2
PSC byte 1
or byte 2
PSC byte
Verification
Finished
0
10
1
10
01
1A0
11
1
1
1
11
D0
D1
D2
D3
D4
D5
D6
D7
1234
5
6
7
01234
5
6
7
01234
5
6
70
1
Figure 11. PSC Verification


Similar Part No. - IS23SC4428-X3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
More results

Similar Description - IS23SC4428-X3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
logo
Infineon Technologies A...
SLE5542 INFINEON-SLE5542 Datasheet
128Kb / 6P
   Intelligent 256-Byte EEPROM with Write Protection function and Programmable Security Code
2006-05-19
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
KODENSHI_AUK CORP.
KK4428 KODENSHI-KK4428 Datasheet
292Kb / 9P
   1?-byte EEPROM microcircuit with function of protection for writing and programmable secret code.
logo
Ceramate Technical
24LC02 CERAMATE-24LC02 Datasheet
225Kb / 12P
   2048-Bits Serial EEPROM with Write Protect
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
logo
National Semiconductor ...
NM24C09 NSC-NM24C09 Datasheet
312Kb / 11P
   8192-Bit Serial EEPROM with Synchronous Serial Bus and Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com