Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XP304BVCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XP304BVCT
Description  High-Frequency Programmable PECL Clock Generation Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP304BVCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2XP304BVCT Datasheet HTML 2Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 3Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 4Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 5Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 6Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 7Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 8Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 9Page - Cypress Semiconductor CY2XP304BVCT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY2XP304
Document #: 38-07589 Rev. *B
Page 6 of 11
DC Specifications (VCC = 3.3 V ± 5%, Commercial and Industrial temp.)
Parameter
Description
Condition
Min.
Max.
Unit
Clock Input Pair INA, INAB (HSTL differential signals)
VDIF
HSTL Differential Input Voltage[2]
0.4
1.9
V
VX
HSTL Differential Crosspoint
Voltage[3]
0.68
0.9
V
IIN
Input Current
VIN = VX ± 0.2V
|150|
uA
PECL Outputs CLK[0:3], CLK[0:3]B (PECL differential signals)
VOL
Output Low Voltage
VCC = 3.3V ± 5%
IOL = –5 mA[4]
VCC – 1.995
VCC – 1.5
V
VOH
Output High Voltage
IOH = –30 mA[4]
VCC – 1.25
VCC – 0.7
V
Supply Current and VBB
IEE
Maximum Quiescent Supply Current
without Output Termination Current
150
mA
CIN
Input Pin Capacitance
INA, INAB
3
pF
LIN
Pin Inductance
1nH
AC Electrical Specifications–Input
Parameter
Description
Min.
Max.
Unit
fIN
Input frequency with driven reference, crystal inputs
1
133
MHz
fXTAL,IN
Input frequency with crystal input
10
31.25
MHz
fINA_IN
Input Frequency with INA/INAB inputs
0
1500
MHz
CIN,CMOS
Input capacitance at PLL_MULT pin[5]
–10
pF
AC Specifications–PECL Clock Outputs CLK[0:3], CLK[0:3]B
Parameter
Description
Conditions
Min.
Max.
Unit
fO
Output Frequency
CLK_SEL = 0
125
500
MHz
CLK_SEL = 1
0
1500
MHz
Vo(P-P)
Differential output voltage
(peak-to-peak)
fO < 1GHz
0.375
V
VCMRO
Output Common Voltage Range
VCC – 1.425
V
tsk(O)
Output-to-output skew
400-MHz 50% duty cycle Standard load
Differential Operation
–50
ps
tsk(PP)
Part-to-part output skew
400-MHz 50% duty cycle Standard load
Differential Operation
–150
ps
TR,TF
Output Rise / Fall time
400-MHz 50% duty cycle Differential 20%
to 80%
–0.3
ns
DC
Long-term average output duty
cycle
45
55
%
tDC,ERR
Cycle-cycle duty cycle error at x8
with 15.625-MHz input
–70
ps
Phase
Noise
Phase Noise at 10 kHz (x8
mode) @ 125 MHz
–107
–92
dBc
BWLOOP
PLL Loop Bandwidth
50
kHz (–3 dB)
Notes:
2. VDIF (DC) is the amplitude of the differential HSTL input voltage swing required for device functionality.
3. VX (DC) is the crosspoint of the differential HSTL input signal. Functional operations is obtained when the crosspoint is within the VX (DC) range and the input
swing lies within the VDIF (DC) specification.
4. Equivalent to a termination of 50
Ω to VTT.
5. Capacitance measured at freq. = 1 MHz, DC Bias = 0.9V, and VAC < 100 mV.


Similar Part No. - CY2XP304BVCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP306 CYPRESS-CY2XP306 Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
CY2XP306BVXI CYPRESS-CY2XP306BVXI Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
CY2XP306BVXIT CYPRESS-CY2XP306BVXIT Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
More results

Similar Description - CY2XP304BVCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP306 CYPRESS-CY2XP306 Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
   High Frequency Programmable PECL Clock Generator
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
   High-Frequency Programmable PECL Clock Generator
logo
Pletronics, Inc.
PE8845DEV PLETRONICS-PE8845DEV Datasheet
157Kb / 8P
   PE88D Single Frequency PECL Clock Oscillator
VPU7029036EG000050 PLETRONICS-VPU7029036EG000050 Datasheet
155Kb / 8P
   High Frequency PECL VCXO
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com