Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N74F06D Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. N74F06D
Description  Inverter/buffer drivers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

N74F06D Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F06, 74F06A,
74F07, 74F07A
Hex inverter/buffer drivers (open-collector)
2
July 24, 1992
853–1122 07270
FEATURES OF 74F06, 74F07
Open Collector output drive 64mA
High speed
12V output termination voltage
Symmetrical propagation delays
FEATURES OF 74F06A, 74F07A
Open Collector output drive 48mA
High speed
30V output termination voltage
Replaces 74F06 and 74F07
Improved performance upgrade for 74F06 and 74F07
Reduced I
OH leakage @ 30V
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F06
3.5ns
30mA
74F06A
9.0ns
30mA
74F07
4.5ns
32mA
74F07A
10.0ns
32mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
14-pin plastic Dual In-line Package
N74F06N, N74F06AN
SOT27–1
14-pin plastic Small Outline
N74F07D, N74F07AD
SOT108–1
PIN CONFIGURATIONS
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SF00016
74F06/74F06A
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SF00017
74F07/74F07A
LOGIC SYMBOLS
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00018
A0
A1 A2
A3 A4 A5
2
Y0Y1Y2Y3Y4Y5
12
74F06/74F06A
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00019
A0
A1 A2
A3 A4 A5
2
Y0
Y1 Y2
Y3
Y4 Y5
12
74F07/74F07A


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGS2535VCommercial Quad 1 to 4 Clock Drivers/Industrial Quad 1 to 4 Clock Drivers 1 2 3 4 5 MoreNational Semiconductor (TI)
DS75325Memory Drivers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC75172BQUAD EIA-485 LINE DRIVERS 1 2 3 4 5 MoreON Semiconductor
L293BPUSH-PULL FOUR CHANNEL DRIVERS 1 2 3 4 5 MoreSTMicroelectronics
TC14100.5A HIGH-SPEED MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
54AC1624416-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CY74FCT16244T16-Bit Buffers/Line Drivers 1 2 3 4 5 MoreTexas Instruments
SN54ABT244OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn