Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75V16F64GS16 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # 75V16F64GS16
Description  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 Datasheet HTML 6Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
SECTOR ADDRESS TABLE
Bank Address
Sector Address
Address Range
Bank
Sector
A21 A20 A19 A18 A17 A16 A15 A14 A13 A12
Word Mode
Bank A
SA0
000000000
0
000000h to 000FFFh
Bank A
SA1
000000000
1
001000h to 001FFFh
Bank A
SA2
000000001
0
002000h to 002FFFh
Bank A
SA3
000000001
1
003000h to 003FFFh
Bank A
SA4
000000010
0
004000h to 004FFFh
Bank A
SA5
000000010
1
005000h to 005FFFh
Bank A
SA6
000000011
0
006000h to 006FFFh
Bank A
SA7
000000011
1
007000h to 007FFFh
Bank A
SA8
0000001X
X
X
008000h to 00FFFFh
Bank A
SA9
0000010X
X
X
010000h to 017FFFh
Bank A
SA10
0000011X
X
X
018000h to 01FFFFh
Bank A
SA11
0000100X
X
X
020000h to 027FFFh
Bank A
SA12
0000101X
X
X
028000h to 02FFFFh
Bank A
SA13
0000110X
X
X
030000h to 037FFFh
Bank A
SA14
0000111X
X
X
038000h to 03FFFFh
Bank A
SA15
0001000X
X
X
040000h to 047FFFh
Bank A
SA16
0001001X
X
X
048000h to 04FFFFh
Bank A
SA17
0001010X
X
X
050000h to 057FFFh
Bank A
SA18
0001011X
X
X
058000h to 05FFFFh
Bank A
SA19
0001100X
X
X
060000h to 067FFFh
Bank A
SA20
0001101X
X
X
068000h to 06FFFFh
Bank A
SA21
0001110X
X
X
070000h to 077FFFh
Bank A
SA22
0001111X
X
X
078000h to 07FFFFh
Bank B
SA23
0010000X
X
X
080000h to 087FFFh
Bank B
SA24
0010001X
X
X
088000h to 08FFFFh
Bank B
SA25
0010010X
X
X
090000h to 097FFFh
Bank B
SA26
0010011X
X
X
098000h to 09FFFFh
Bank B
SA27
0010100X
X
X
0A0000h to 0A7FFFh
Bank B
SA28
0010101X
X
X
0A8000h to 0AFFFFh
Bank B
SA29
0010110X
X
X
0B0000h to 0B7FFFh
Bank B
SA30
0010111X
X
X
0B8000h to 0BFFFFh
Bank B
SA31
0011000X
X
X
0C0000h to 0C7FFFh
Bank B
SA32
0011001X
X
X
0C8000h to 0CFFFFh


Similar Description - 75V16F64GS16

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com