Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC89E54-40PQ Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC89E54-40PQ
Description  8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89E54-40PQ Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC89E54-40PQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC89E54-40PQ Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
IC89E54/58/64
Integrated CircuitSolution Inc.
7
MC012-0C 11/16/2001
Symbol
PDIP
PLCC
PQFP
I/O
Name and Function
PSEN
29
32
26
O
Program Store Enable: The read strobe to external program
memory. When the device is executing code from the external
program memory,
PSEN is activated twice each machine cycle
except that two
PSEN activations are skipped during each
access to external data memory.
PSEN is not activated during
fetches from internal program memory.
PSEN is an input control signal while memory program and
verification.
ALE/
PROG
30
33
27
I/O
Address Latch Enable: Output pulse for latching the low byte
of the address during an address to the external memory. In
normal operation, ALE is emitted at a constant rate of 1/6 the
oscillator frequency, and can be used for external timing or
clocking. Note that one ALE pulse is skipped during each
access to external data memory.
This pin is also the program pulse input (
PROG) during pro-
grammable memory programming and erase.
EA/VPP
31
35
29
I
External access enable:
EA must be externally held low to
enable the device to fetch code from external program memory
locations 0000H to FFFFH. If
EA is held high, the device
executes from internal program memory unless the program
counter contains an address grater than 3FFFH/7FFFH re-
specting to IC89C54/58 and the device always executes inter-
nal program memory in IC89C64.
This is also receives the 12 V programming enable voltage
(Vpp) during Flash programming, when 12 V programming is
selected.
Vss
20
22
16
Ground: 0V reference.
Vcc
40
44
38
I
Power Supply: This is the power supply voltage for operation.
Table 1. Detailed Pin Description (continued)
OPERATING DESCRIPTION
The detail description of the IC89E54/58/64 included in this
description are:
• Memory Map and Registers
• Timer/Counters
• Serial Interface
• Interrupt System
• Other Information
• Flash Memory
MEMORY MAP AND REGISTERS
Program Memory and data memory
Table 2 shows program memory and data memory size
versus three products. The IC89E54/58/64 series includes
a standard IC80C32 and a 16K/32K/64K Flash Memory. The
IC89E54/58/64 includes IC80C32, a 16K/32K/64K Flash
and some enhanced functions. The figures 3~5 show
IC89E54/58/64 program memory architecture and program
memory access status versus
EA pin. These enhanced
functions are described in later descriptions. The program
memory and data memory access ranges are listed table 1.
The AUX RAM status is disable after reset, so MOVX
instructions will access external RAM. If set ENARAM bit,
the AUX RAM will be enabled and MOVX instructions will
access AUX RAM in 0000H~01FFH, access external RAM
in 0200H~FFFFH. Figure 6 shows the external data memory
and AUX RAM accesses relation.


Similar Part No. - IC89E54-40PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C51A-12PL ICSI-IC89C51A-12PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12PQ ICSI-IC89C51A-12PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12W ICSI-IC89C51A-12W Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PL ICSI-IC89C51A-24PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PQ ICSI-IC89C51A-24PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
More results

Similar Description - IC89E54-40PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com