Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C8512-50T Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IS41C8512-50T
Description  512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C8512-50T Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IS41C8512-50T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C8512-50T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IS41C8512
IS41LV8512
Integrated Circuit Solution Inc.
5
DR008-0B
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
—
V
VOL
Output Low Voltage Level
IOL =+2.1mA
—
0.4
V
ICC1
Standby Current: TTL
RAS, CAS > VIH
Commerical 5V
—
3
mA
Industrial
5V
—
4
Commerical 3V
—
2
Industrial
3V
—
3
ICC2
Standby Current: CMOS
RAS, CAS > VCC – 0.2V
5V
—
2
mA
3V
—
1
ICC3
Operating Current:
RAS, CAS,
-35
—
230
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-50
—
180
Average Power Supply Current
-60
—
170
ICC4
Operating Current:
RAS = VIL, CAS,
-35
—
220
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-50
—
170
Average Power Supply Current
-60
—
160
ICC5
Refresh Current:
RAS Cycling, CAS > VIH
-35
—
230
mA
RAS-Only(2,3)
tRC = tRC (min.)
-50
—
180
Average Power Supply Current
-60
—
170
ICC6
Refresh Current:
RAS, CAS Cycling
-35
—
230
mA
CBR(2,3,5)
tRC = tRC (min.)
-50
—
180
Average Power Supply Current
-60
—
170
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight RAS cycles wake-up should be repeated any time the tRE. refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41C8512-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120-35K ISSI-IS41C85120-35K Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120-60K ISSI-IS41C85120-60K Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120-60KI ISSI-IS41C85120-60KI Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41C8512-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C4100 ISSI-IS41C4100 Datasheet
143Kb / 19P
   1Meg x 4 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com