Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC89E54-40PL Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC89E54-40PL
Description  8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89E54-40PL Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC89E54-40PL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 10Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 11Page - Integrated Circuit Solution Inc IC89E54-40PL Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
IC89E54/58/64
8
Integrated CircuitSolution Inc.
MC012-0C 11/16/2001
Figure 5. IC89E54 Flash Architecture
Figure 6. IC89E58 Flash Architecture
Table 2. Program memory and Data memory sizes
Main Flash
RAM Size
AUX RAM Size
IC89E54
16K Bytes : [0H~3FFFH]
256 Bytes : [ 0-FFH]
512 Bytes : [ 0-1FFH]
IC89E58
32K Bytes : [0H~7FFFH]
256 Bytes : [ 0-FFH]
512 Bytes : [ 0-1FFH]
IC89E64
64K Bytes : [0H~FFFFH]
256 Bytes : [ 0-FFH]
512 Bytes : [ 0-1FFH]
Internal Range
EA = 1
4000H
3FFFH
0000H
FFFFH
0000H
FFFFH
External Range
External Range
EA = 0
Internal Range
EA = 1
8000H
7FFFH
0000H
FFFFH
0000H
FFFFH
External Range
External Range
EA = 0


Similar Part No. - IC89E54-40PL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C51A-12PL ICSI-IC89C51A-12PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12PQ ICSI-IC89C51A-12PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12W ICSI-IC89C51A-12W Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PL ICSI-IC89C51A-24PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PQ ICSI-IC89C51A-24PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
More results

Similar Description - IC89E54-40PL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com