Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62VV12816L-70TI Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC62VV12816L-70TI
Description  128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV12816L-70TI Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC62VV12816L-70TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62VV12816L-70TI Datasheet HTML 11Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Integrated Circuit Solution Inc.
LPSR024-0A 4/23/2002
IC62VV12816L
IC62VV12816LL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
TestCondition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
1.0
2.2
V
IDR
Data Retention Current
Vcc = 1.2V,
CE
≥ Vcc – 0.2V
Com. (-L)
15
µA
Com. (-LL)
3
Ind. (-L)
20
Ind. (-LL)
5
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
5
ns
DATA RETENTION WAVEFORM (CE or LB/UB Controlled)
VCC
CE
≥ VCC - 0.2V
tSDR
tRDR
VDR
CE, LB/UB
GND
1.65V
1.4V
Data Retention Mode


Similar Part No. - IC62VV12816L-70TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV1008L ICSI-IC62VV1008L Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-100B ICSI-IC62VV1008L-100B Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-100BI ICSI-IC62VV1008L-100BI Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-70B ICSI-IC62VV1008L-70B Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-70BI ICSI-IC62VV1008L-70BI Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV12816L-70TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV51216L ICSI-IC62VV51216L Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
Integrated Silicon Solu...
IS66WV1M16EALL ISSI-IS66WV1M16EALL Datasheet
643Kb / 15P
   ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com