Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC89E54-12PL Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC89E54-12PL
Description  8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89E54-12PL Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC89E54-12PL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 10Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 11Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 12Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 13Page - Integrated Circuit Solution Inc IC89E54-12PL Datasheet HTML 14Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
IC89E54/58/64
10
Integrated CircuitSolution Inc.
MC012-0C 11/16/2001
Figure 9. IC89E54/58/64 SFRs Map and Reset value (The gray blocks are non-standard.)
B
00000000
ACC
00000000
P4[3:0]
XXXX1111
PSW
00000000
T2CON
00000000
XICON
00000000
IP
XX000000
IE
0X000000
SCON
00000000
TCON
00000000
P0
11111111
P1
11111111
P2
11111111
P3
11111111
SBUF
XXXXXXXX
TMOD
00000000
SP
00000000
DPL
00000000
TL0
00000000
P4CONA
00000000
RCAP2L
00000000
RCAP2H
00000000
P4CCONB
00000000
TL1
00000000
DPH
00000000
TL2
00000000
P43AL
00000000
P42AL
00000000
P41AL
00000000
TH0
00000000
P40AL
00000000
TH2
00000000
PH43AH
00000000
P42AH
00000000
P41AH
00000000
TH1
00000000
P40AH
00000000
P2ECON
0000XX00
P2EAL
00000000
AUXR
XXX00000
P2EAH
00000000
PCON
0XX00000
F8H
F0H
E8H
E0H
D8H
D0H
C8H
C0H
B8H
B0H
A8H
A0H
98H
90H
88H
80H
FFH
F7H
EFH
E7H
DFH
D7H
CFH
C7H
BFH
B7H
AFH
A7H
9FH
97H
8FH
87H
These descriptions are added from standard IC80C32. So, more information for SFRs and memory refer to IC80C32.


Similar Part No. - IC89E54-12PL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C51A-12PL ICSI-IC89C51A-12PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12PQ ICSI-IC89C51A-12PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12W ICSI-IC89C51A-12W Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PL ICSI-IC89C51A-24PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PQ ICSI-IC89C51A-24PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
More results

Similar Description - IC89E54-12PL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com