Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC89C52A-12W Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC89C52A-12W
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89C52A-12W Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC89C52A-12W Datasheet HTML 1Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 2Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 3Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89C52A-12W Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IC89C52(51)A
Integrated CircuitSolution Inc.
5
MC008-0C 11/27/2001
Table 1. Detailed Pin Description
Symbol
PDIP
PLCC
PQFP
I/O
Name and Function
ALE/
PROG
30
33
27
I/O
Address Latch Enable: Output pulse for latching the low byte
of the address during an address to the external memory. In
normal operation, ALE is emitted at a constant rate of 1/6 the
oscillator frequency, and can be used for external timing or
clocking. Note that one ALE pulse is skipped during each
access to external data memory. This pin is also the Program
Pulse input (
PROG) during Flash programming.
EA/VPP
31
35
29
I
External Access enable:
EA must be externally held low to
enable the device to fetch code from external program memory
locations 0000H to 1FFFH . If
EA is held high, the device
executes from internal program memory unless the program
counter contains an address greater than 1FFFH. This also
receives the 12V programming enable voltage (VPP) during
Flash programming.
P0.0-P0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an 8-bit open-drain, bidirectional I/O port. Port
0 pins that have 1s written to them float and can be used as high-
impedance inputs. Port 0 is also the multiplexed low-order
address and data bus during accesses to external program and
data memory. In this application, it uses strong internal pullups
when emitting 1s.
Port 0 also receives the command and code bytes during
programmable memory programming and outputs the code
bytes during program verification. External pullups are required
during program verification.
P1.0-P1.7
1-8
2-9
40-44
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal
1-3
pullups. Port 1 pins that have 1s written to them are pulled high
by the internal pullups and can be used as inputs. As inputs, Port
1 pins that are externally pulled low will source current because
of the internal pullups. (See DC Characteristics: IIL). The Port 1
output buffers can sink/source four TTL inputs.
Port 1 also receives the low-order address byte during Flash
programming and verification.
12
40
I
T2(P1.0): Timer/Counter 2 external count input.(IC89C52A
only)
23
41
I
T2EX(P1.1): Timer/Counter 2 trigger input.(IC89C52A only)
P2.0-P2.7
21-28
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal
pullups. Port 2 pins that have 1s written to them are pulled high
by the internal pullups and can be used as inputs. As inputs, Port
2 pins that are externally pulled low will source current because
of the internal pullups. (See DC Characteristics: IIL). Port 2 emits
the high order address byte during fetches from external pro-
gram memory and during accesses to external data memory
that used 16-bit addresses (MOVX @ DPTR). In this application,
Port 2 uses strong internal pullups when emitting 1s. During
accesses to external data memory that use 8-bit addresses
(MOVX @ Ri [i = 0, 1]), Port 2 emits the contents of the P2
Special Function Register.
Port 2 also receives the high-order bits and some control signals
during Flash programming and verification. P2.6 and P2.7 are
the control signals while the chip programs and erases.


Similar Part No. - IC89C52A-12W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
IC89C58 ICSI-IC89C58 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
More results

Similar Description - IC89C52A-12W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Siemens Semiconductor G...
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com