Electronic Components Datasheet Search |
|
IC62LV5128L-100B Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc |
|
IC62LV5128L-100B Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc |
5 / 11 page Integrated Circuit Solution Inc. 5 LPSR012-0B 08/31/2001 IC62LV5128L IC62LV5128LL IC62LV5128L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range) - 55 - 70 - 100 Symbol Parameter Test Conditions Min. Max. Min. Max. Min. Max. Unit ICC Vcc Dynamic Operating VCC = 3V, CE = VIL Com. — 25 — 20 — 15 mA Supply Current IOUT = 0 mA, f = fMAX Ind. — 25 — 20 — 15 ISB1 TTL Standby Current VCC = Max., Com. — 0.2 — 0.2 — 0.2 mA (TTL Inputs) VIN = VIH or VIL, Ind. — 0.3 — 0.3 — 0.3 CE ≥ VIH ISB2 CMOS Standby VCC = Max., f = 0 Com. — 35 — 35 — 35 µA Current (CMOS Inputs) CE ≥ VCC – 0.2V, Ind. — 50 — 50 — 50 VIN ≥ VCC – 0.2V or VIN ≤ 0.2V Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. IC62LV5128LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range) -55 - 70 - 100 Symbol Parameter Test Conditions Min. Max. Min. Max. Min. Max. Unit ICC Vcc Dynamic Operating VCC = 3V, CE = VIL Com. — 25 — 20 — 15 mA Supply Current IOUT = 0 mA, f = fMAX Ind. — 25 — 20 — 15 ISB1 TTL Standby Current VCC = Max., Com. — 0.2 — 0.2 — 0.3 mA (TTL Inputs) VIN = VIH or VIL, Ind. — 0.3 — 0.3 — 0.3 CE ≥ VIH ISB2 CMOS Standby VCC = Max., f = 0 Com. — 15 — 15 — 15 µA Current (CMOS Inputs) CE ≥ VCC – 0.2V, Ind. — 20 — 20 — 20 VIN ≥ VCC – 0.2V or VIN ≤ 0.2V Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. |
Similar Part No. - IC62LV5128L-100B |
|
Similar Description - IC62LV5128L-100B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |