Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV1024ALL-70T Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC62LV1024ALL-70T
Description  128K x 8 Ultra Low Power and Low VCC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1024ALL-70T Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC62LV1024ALL-70T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Integrated Circuit Solution Inc.
LPSR017-0A 09/13/2001
IC62LV1024AL
IC62LV1024ALL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-45
-55
-70
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
45
55
70
ns
tAA
Address Access Time
45
55
70
ns
tOHA
Output Hold Time
10
10
10
ns
tACE1
CE1 Access Time
45
55
70
ns
tACE2
CE2 Access Time
45
55
70
ns
tDOE
OE Access Time
20
25
35
ns
tLZOE(2)
OE to Low-Z Output
0
5
5
ns
tHZOE(2) OE to High-Z Output
0
15
0
20
0
25
ns
tLZCE1(2) CE1 to Low-Z Output
5
7
10
ns
tLZCE2(2) CE2 to Low-Z Output
5
7
10
ns
tHZCE(2) CE1 or CE2 to High-Z Output
0
15
0
20
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.4V to 2.2V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1
AC TEST LOADS
Figure 1.
Figure 2.
100 pF
Including
jig and
scope
OUTPUT
1 TTL
5 pF
Including
jig and
scope
OUTPUT
1 TTL


Similar Part No. - IC62LV1024ALL-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1008L ICSI-IC62LV1008L Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100B ICSI-IC62LV1008L-100B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100BI ICSI-IC62LV1008L-100BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55B ICSI-IC62LV1008L-55B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55BI ICSI-IC62LV1008L-55BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV1024ALL-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV1024L ICSI-IS62LV1024L Datasheet
132Kb / 10P
   128K x 8 LOW POWER AND LOW Vcc
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com