Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV1024ALL-70T Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC62LV1024ALL-70T
Description  128K x 8 Ultra Low Power and Low VCC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1024ALL-70T Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC62LV1024ALL-70T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1024ALL-70T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Circuit Solution Inc.
3
LPSR017-0A 09/13/2001
IC62LV1024AL
IC62LV1024ALL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CONFIGURATION
32-Pin SOP
PIN DESCRIPTIONS
A0-A16
Address Inputs
CE1
Chip Enable 1 Input
CE2
Chip Enable 2 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
NC
No Connection
Vcc
Power
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
PIN CONFIGURATION
32-Pin 8x20mm TSOP-1 and 8x13.4mm TSOP-1
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.7V to 3.3V
Industrial
–40°C to +85°C
2.7V to 3.3V
48-Pin 6x8mm TF-BGA
1
2
3
4
5
6
A
B
C
D
E
F
G
H
A0
A1
CE2
A3
A6
A8
I/O5
A2
WE
A4
A7
I/O1
I/O6
NC
A5
I/O2
GND
Vcc
Vcc
GND
I/O7
NC
NC
I/O3
I/O8
OE
CE1
A16
A15
I/O4
A9
A10
A11
A12
A13
A14


Similar Part No. - IC62LV1024ALL-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1008L ICSI-IC62LV1008L Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100B ICSI-IC62LV1008L-100B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100BI ICSI-IC62LV1008L-100BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55B ICSI-IC62LV1008L-55B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55BI ICSI-IC62LV1008L-55BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV1024ALL-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV1024L ICSI-IS62LV1024L Datasheet
132Kb / 10P
   128K x 8 LOW POWER AND LOW Vcc
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com