Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC80LV52 Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC80LV52
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80LV52 Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC80LV52 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80LV52 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IC80LV52
IC80LV32
Integrated Circuit Solution Inc.
1
MC006-0B
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
IC80LV52
IC80LV32
CMOS SINGLE CHIP
LOW VOLTAGE
8-BIT MICROCONTROLLER
FEATURES
• 80C51 based architecture
• 8K x 8 ROM (IC80LV52 only)
• 256 x 8 RAM
• Three 16-bit Timer/Counters
• Full duplex serial channel
• Boolean processor
• Four 8-bit I/O ports, 32 I/O lines
• Memory addressing capability
– 64K ROM and 64K RAM
• Program memory lock
– Encrypted verify (32 bytes)
– Lock bits (2)
Power save modes:
– Idle and power-down
• Eight interrupt sources
• Most instructions execute in 0.5 µs
• CMOS and TTL compatible
• Maximum speed: 24 MHz @ Vcc = 3.3V
• Packages available:
– 40-pin DIP
– 44-pin PLCC
– 44-pin PQFP
GENERAL DESCRIPTION
The
ICSI IC80LV52 and IC80LV32 are high-performance
microcontrollers fabricated using high-density CMOS
technology. The CMOS IC80LV52/32 is functionally
compatible with the industry standard 8052/32
microcontrollers.
The IC80LV52/32 is designed with 8K x 8 ROM (IC80LV52
only); 256 x 8 RAM; 32 programmable I/O lines; a serial
I/O port for either multiprocessor communications, I/O
expansion or full duplex UART; three 16-bit timer/counters;
an eight-source, two-priority-level, nested interrupt
structure; and an on-chip oscillator and clock circuit. The
IC80LV52/32 can be expanded using standard TTL
compatible memory.
Figure 1. IC80LV52/32 Pin Configuration:
40-pin DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
GND
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA
ALE
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8


Similar Part No. - IC80LV52

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51-24PL ICSI-IC80LV51-24PL Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51-24PQ ICSI-IC80LV51-24PQ Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51-24W ICSI-IC80LV51-24W Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IC80LV52

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com