Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62VV12816L Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part No. IC62VV12816L
Description  128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo 

IC62VV12816L Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Integrated Circuit Solution Inc.
LPSR024-0A 4/23/2002
IC62VV12816L
IC62VV12816LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2001, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62VV12816L and IC62VV12816LL are low-power,
2,097,152 bit static RAMs organized as 131,072 words by 16
bits. They are fabricated using
ICSI's high-performance CMOS
technology. This highly reliable process coupled with innova-
tive circuit design techniques, yields high-performance and low
power consumption devices.
When
CE is HIGH (deselected) or both LB and UB are HIGH,
the device assumes a standby mode at which the power
dissipation can be reduced by using CMOS input levels.
Easy memory expansion is provided by using Chip Enable
Output and Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
The IC62VV12816L and IC62VV12816LL are packaged in the
JEDEC standare 44-pin TSOP-2 and 48-pin 6*8mm TF-BGA.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
128K x 16 1.8V ULTRA
LOW POWER CMOS STATIC RAM
FEATURES
• High-speed access times: 70, 100 ns
• CMOS low power operation
ICC1=7mA (typical)* operating
ISB2=0.5µA (typical)* CMOS standby
* Typical values are measured at VCC=1.8V,
TA=25°C
• TTL compatible interface levels
• Single 1.65V-2.2V Vcc power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in the 44-pin TSOP-2 and 48-pin
6*8mm TF-BGA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn