Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62VV5128L Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part No. IC62VV5128L
Description  512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV5128L Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC62VV5128L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62VV5128L Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Integrated Circuit Solution Inc.
LPSR020-0A 11/26/2001
IC62VV5128L
IC62VV5128LL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-55
-
70
-
100
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
55
70
100
ns
tAA
Address Access Time
55
70
100
ns
tOHA
Output Hold Time
10
10
15
ns
tACE
CE Access Time
55
70
100
ns
tDOE
OE Access Time
30
35
50
ns
tHZOE(2)
OE to High-Z Output
20
0
25
0
30
ns
tLZOE(2)
OE to Low-Z Output
5
5
5
ns
tLZCE(2)
CE to Low-Z Output
10
10
10
ns
tHZCE(2)
CE to High-Z Output
0
20
0
25
0
30
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, input pulse levels of 0.4V to 1.4V and output
loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 1.4V
Input Rise and Fall Times
5 ns
Input Reference Level
0.9V
Output Reference Level
0.9V
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
5 pF
Including
jig and
scope
OUTPUT
1 TTL
100 pF
Including
jig and
scope
OUTPUT
1 TTL


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn