Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62VV1008LL Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC62VV1008LL
Description  1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV1008LL Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC62VV1008LL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62VV1008LL Datasheet HTML 11Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Integrated Circuit Solution Inc.
LPSR026-0A 9/4/2002
IC62VV1008L
IC62VV1008LL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
1.2
2.2
V
IDR
Data Retention Current
Vcc = 1.2V,
CE1
≥ Vcc – 0.2V
Com. (-L)
20
µA
Com. (-LL)
13
µA
Ind. (-L)
30
µA
Ind. (-LL)
23
µA
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
10
—ns
DATA RETENTION WAVEFORM (CE1 Controlled)
VCC
CE1
≥ VCC - 0.2V
tSDR
tRDR
VDR
CE1
GND
1.65V
1.4V
Data Retention Mode


Similar Part No. - IC62VV1008LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV12816L-100B ICSI-IC62VV12816L-100B Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV12816L-100BI ICSI-IC62VV12816L-100BI Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV12816L-100T ICSI-IC62VV12816L-100T Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV12816L-100TI ICSI-IC62VV12816L-100TI Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV1008LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1008L ICSI-IC62LV1008L Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C10248AL ISSI-IS62C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com