Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV5128L-70T Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC62LV5128L-70T
Description  512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV5128L-70T Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC62LV5128L-70T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV5128L-70T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Integrated Circuit Solution Inc.
5
LPSR012-0B 08/31/2001
IC62LV5128L
IC62LV5128LL
IC62LV5128L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-
55
-
70
-
100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = 3V,
CE = VIL
Com.
25
20
15
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
25
20
15
ISB1
TTL Standby Current
VCC = Max.,
Com.
0.2
0.2
0.2
mA
(TTL Inputs)
VIN = VIH or VIL,
Ind.
0.3
0.3
0.3
CE ≥ VIH
ISB2
CMOS Standby
VCC = Max., f = 0
Com.
35
35
35
µA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
50
50
50
VIN
≥ VCC – 0.2V or VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
IC62LV5128LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-
70
-
100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = 3V,
CE = VIL
Com.
25
20
15
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
25
20
15
ISB1
TTL Standby Current
VCC = Max.,
Com.
0.2
0.2
0.3
mA
(TTL Inputs)
VIN = VIH or VIL,
Ind.
0.3
0.3
0.3
CE ≥ VIH
ISB2
CMOS Standby
VCC = Max., f = 0
Com.
15
15
15
µA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
20
20
20
VIN
≥ VCC – 0.2V or VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IC62LV5128L-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100B ICSI-IC62LV51216L-100B Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100BI ICSI-IC62LV51216L-100BI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100T ICSI-IC62LV51216L-100T Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100TI ICSI-IC62LV51216L-100TI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV5128L-70T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com