Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV12816L-55B Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC62LV12816L-55B
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816L-55B Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC62LV12816L-55B Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV12816L-55B Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Integrated Circuit Solution Inc.
LPSR011-0B 06/06/2001
IC62LV12816L
IC62LV12816LL
ORDERING IN.ORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
55
IC62LV12816L-55T
400mil TSOP-2
IC62LV12816L-55B
6*8mm T.-BGA
70
IC62LV12816L-70T
400mil TSOP-2
IC62LV12816L-70B
6*8mm T.-BGA
100
IC62LV12816L-100T
400mil TSOP-2
IC62LV12816L-100B
6*8mm T.-BGA
Industrial Range: -40°C to +85°C
Speed (ns) Order Part No.
Package
55
IC62LV12816L-55TI
400mil TSOP-2
IC62LV12816L-55BI
6*8mm T.-BGA
70
IC62LV12816L-70TI
400mil TSOP-2
IC62LV12816L-70BI
6*8mm T.-BGA
100
IC62LV12816L-100TI
400mil TSOP-2
IC62LV12816L-100BI
6*8mm T.-BGA
ORDERING IN.ORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
55
IC62LV12816LL-55T
400mil TSOP-2
IC62LV12816LL-55B
6*8mm T.-BGA
70
IC62LV12816LL-70T
400mil TSOP-2
IC62LV12816LL-70B
6*8mm T.-BGA
100
IC62LV12816LL-100T
400mil TSOP-2
IC62LV12816LL-100B
6*8mm T.-BGA
Industrial Range: -40°C to +85°C
Speed (ns) Order Part No.
Package
55
IC62LV12816LL-55TI
400mil TSOP-2
IC62LV12816LL-55BI
6*8mm T.-BGA
70
IC62LV12816LL-70TI
400mil TSOP-2
IC62LV12816LL-70BI
6*8mm T.-BGA
100
IC62LV12816LL-100TI
400mil TSOP-2
IC62LV12816LL-100BI
6*8mm T.-BGA
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
.ax: 886-3-5783000
BRANCH O..ICE:
7., NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
.AX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IC62LV12816L-55B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100B ICSI-IC62LV12816DL-100B Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100BI ICSI-IC62LV12816DL-100BI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100T ICSI-IC62LV12816DL-100T Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100TI ICSI-IC62LV12816DL-100TI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV12816L-55B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com