Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62LV51216L Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part No. IC62LV51216L
Description  512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV51216L Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62LV51216L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV51216L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Integrated Circuit Solution Inc.
LPSR014-0C 1/22/2003
IC62LV51216L
IC62LV51216LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62LV51216L and IC62LV51216LL are low-power,
8.388,608 bit static RAMs organized as 524,288 words by 16
bits. They are fabricated using
ICSI's high-performance CMOS
technology. This highly reliable process coupled with innova-
tive circuit design techniques, yields high-performance and
low power consumption devices.
When CE1 is HIGH or when CE2 is low (deselected) or both LB
and UB are HIGH, the device assumes a standby mode at
which the power dissipation can be reduced by using CMOS
input levels.
Easy memory expansion is provided by using Chip Enable
Output and Enable inputs, CE1, CE2 and OE. The active LOW
Write Enable (WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (UB) and Lower Byte
(LB) access.
The IC62LV51216L and IC62LV51216LL are packaged in the
JEDEC standare 44-pin TSOP-2 and 48-pin 8*10mm TF-BGA.
FUNCTIONAL BLOCK DIAGRAM
512K x 16 LOW VOLTAGE, ULTRA
LOW POWER CMOS STATIC RAM
FEATURES
• High-speed access times: 55, 70, 100 ns
• CMOS low power operation
ICC=18mA (typical)* operating
ISB2=3µA (typical)* CMOS standby
• TTL compatible interface levels
• Single 2.7V-3.6V Vcc power supply
• Fully static operation: no clock or refresh re-
quired
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in the know good die from 44-pin
TSOP-2 and 48-pin 8x10mm TF-BGA
• CE2 pin only for 48-pin TF-BGA.
* Typical values are measured at VCC=3.0V, TA=25°C
A0-A18
CE1/ CE2
OE
WE
512K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn