Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62LV5128L Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part No. IC62LV5128L
Description  512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV5128L Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC62LV5128L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Integrated Circuit Solution Inc.
LPSR012-0B 08/31/2001
IC62LV5128L
IC62LV5128LL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
VCC
Vcc related to GND
–0.3 to +4.0
V
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE(1)(2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25oC, f = 1 MHz, VCC = 3.0 V
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage(1)
2.2
VCC + 0.3
V
VIL
Input LOW Voltage(2)
–0.2
0.4
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VCC
–1
1
µA
Notes:
1. VIH
(max) =VCC +2.0V for pulse width less than 10ns.
2. VIL
(min) = –2.0V for pulse width less than 10 ns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn