Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62LV5128L Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part No. IC62LV5128L
Description  512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV5128L Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62LV5128L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Integrated Circuit Solution Inc.
LPSR012-0B 08/31/2001
IC62LV5128L
IC62LV5128LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62LV5128L and IC62LV5128LL is a low voltage,
524,288 words by 8 bits, CMOS SRAM. It is fabricated using
ICSI's low voltage, six transistor (6T), CMOS technology. The
device is targeted to satisfy the demands of the state-of-the-art
technologies such as cell phones and pagers.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down with
CMOS input levels. Additionally, easy memory expansion is
provided by using Chip Enable and Output Enable inputs,
CE
and
OE. The active LOW Write Enable ( WE) controls both
writing and reading of the memory.
The IC62LV5128L and IC62LV5128LL are available in 32-pin
8*20mm TSOP-1, 8*13.4mm TSOP-1 and 48-pin 6*8mm TF-
BGA.
FUNCTIONAL BLOCK DIAGRAM
A0-A18
CE
OE
WE
512K x 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
512K x 8 LOW POWER and LOW VCC
CMOS STATIC RAM
FEATURES
• Access times of 55, 70, 100 ns
• CMOS Low power operation:
60 mW (typical) operation
3 µW (typical) standby
• Low data retention voltage: 1.5V (min.)
• Output Enable (
OE) and Chip Enable
(
CE) inputs for ease in applications
• TTL compatible inputs and outputs
• Fully static operation:
No clock or refresh reguired
• Single 2.7V-3.6V power supply
• Available in the 32-pin 8*20mm TSOP-1,
32-pin 8*13.4mm TSOP-1 and 48-pin
6*8mm TF-BGA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL