Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C1664-35TI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41C1664-35TI
Description  64K x 16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C1664-35TI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41C1664-35TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C1664-35TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IC41C1664
IC41LV1664
Integrated Circuit Solution Inc.
5
DR033-0A 11/15/2001
Functional Description
The IC41C1664 and IC41LV1664 is a CMOS DRAM
optimized for high-speed bandwidth, low power applica-
tions. During READ or WRITE cycles, each bit is uniquely
addressed through the 16 address bits. These are entered
8 bits (A0-A7) at a time. The row address is latched by the
Row Address Strobe (
RAS). The column address is latched
by the Column Address Strobe (
CAS) .
The IC41C1664 and IC41LV1664 has two
CAS controls,
LCAS and UCAS. The LCAS and UCAS inputs internally
generates a
CAS signal functioning in an identical man-
ner to the single
CAS input on the other 64K x 16 DRAMs.
The key difference is that each
CAS controls its corre-
sponding I/O tristate logic (in conjunction with
OE and WE
and
RAS). LCAS controls I/O0 through I/O7 and UCAS
controls I/O8 through I/O15.
The IC41C1664 and IC41LV1664
CAS function is deter-
mined by the first
CAS (LCAS or UCAS) transitioning LOW
and the last transitioning back HIGH. The two
CAS controls
give the IC41C1664 both BYTE READ and BYTE WRITE
cycle capabilities.
Memory Cycle
A memory cycle is initiated by bring
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOE are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and
WE, whichever occurs last. The input data must be valid
at or before the falling edge of
CAS or WE, whichever
occurs first.
Refresh Cycle
To retain data, 256 refresh cycles are required in each
4 ms period. There are two ways to refresh the memory.
1. By clocking each of the 256 row addresses (A0 through
A7) with
RAS at least once every 4 ms. Any read, write,
read-modify-write or
RAS-only cycle refreshes the ad-
dressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding
CAS LOW. In CAS-before-RAS refresh
cycle, an internal 8-bit counter provides the row ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Extended Data Out Page Mode
EDO page mode operation permits all 256 columns within
a selected row to be randomly accessed at a high data rate.
In EDO page mode read cycle, the data-out is held to the
next
CAS cycle’s falling edge, instead of the rising edge.
For this reason, the valid data output time in EDO page
mode is extended compared with the fast page mode. In
the fast page mode, the valid data output time becomes
shorter as the
CAS cycle time becomes shorter. Therefore,
in EDO page mode, the timing margin in read cycle is
larger than that of the fast page mode even if the
CAS cycle
time becomes shorter.
In EDO page mode, due to the extended data function, the
CAS cycle time can be shorter than in the fast page mode
if the timing margin is the same.
The EDO page mode allows both read and write opera-
tions during one
RAS cycle, but the performance is
equivalent to that of the fast page mode in that case.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that
RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IC41C1664-35TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25K ICSI-IC41C1665-25K Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25KI ICSI-IC41C1665-25KI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25T ICSI-IC41C1665-25T Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25TI ICSI-IC41C1665-25TI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41C1664-35TI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com