Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62LV1008L Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part No. IC62LV1008L
Description  1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1008L Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC62LV1008L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1008L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Circuit Solution Inc.
3
LPSR015-0A 1/3/2002
IC62LV1008L
IC62LV1008LL
PIN DESCRIPTIONS
A0-A19
Address Inputs
CE1
Chip Enable 1 Input
CE2
Chip Enable 2 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Data Input/Output
NC
No Connection
Vcc
Power
GND
Ground
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.7V - 3.6V
Industrial
–40°C to +85°C
2.7V - 3.6V
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE1
CE1
CE1
CE1
CE1
CE2
OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
X
High-Z
ISB1, ISB2
(POWER-DOWN)
X
X
L
X
High-Z
ISB1, ISB2
Output Disabled
H
L
H
H
High-Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC
PIN CONFIGURATIONS
48-Pin 8*10mm TF-BGA (TOP View)
1
2
3
4
5
6
A
B
C
D
E
F
G
H
NC
OE
A0
A1
A2
CE2
NC
NC
A3
A4
CE1
NC
I/O0
A5
A6
I/O4
GND
Vcc
Vcc
GND
I/O3
A14
A15
I/O7
NC
NC
A12
A13
WE
NC
A18
A8
A9
A10
A11
A19
NC
I/O1
I/O2
NC
A17
Vcc
A7
A16
NC
I/O5
I/O6
NC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn