Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62C1024AL-35W Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC62C1024AL-35W
Description  128K x 8 Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024AL-35W Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62C1024AL-35W Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62C1024AL-35W Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Integrated Circuit Solution Inc.
ALSR009-0A 5/7/2002
IC62C1024AL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62C1024AL is a low power,131,072-word by 8-bit
CMOS static RAM. It is fabricated using
ICSI's high-
performance CMOS technology. This highly reliable process
coupled with innovative circuit design techniques, yields higher
performance and low power consumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs,
CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IC62C1024L is available in 32-pin 600mil DIP, 450mil SOP
and 8*20mm TSOP-1 packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE1
OE
WE
512 x 2048
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
128K x 8 LOW POWER CMOS STATIC RAM
FEATURES
• High-speed access time: 35, 45, 55, 70 ns
• Low active power: 450 mW (typical)
• Low standby power: 150 µW (typical) CMOS
standby
• Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V (
±10%) power supply


Similar Part No. - IC62C1024AL-35W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C1024AL-35W

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com