Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE820MF7100MR06L2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHE820MF7100MR06L2
Description  EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PHE820MF7100MR06L2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHE820MF7100MR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE820MF7100MR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE820MF7100MR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
138
PHE820
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
PHE820M
PHE820E
S
EN 132400
9510033,
9510034
9719009-01
N
EN 132400
P97101751
D
EN 132400
306839
Fl
EN 132400
196591-01
VDE
EN 132400
89758, 101314
SEV
EN 132400
95.7 70721.01
IMQ
EN 132400
V 2884
UL
UL 1283 (U
R = 250 VAC)
E 100117
UL 1414 (U
R = 250 VAC)
E 73869
E 73869
CSA
C 22.2 No.8
53108
53108
C 22.2 No.1 (U
R = 125 VAC)
53108
(
≤ 0.47 µF)
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Capacitance tolerance code
• Rated voltage
• X2
• Approval marks
• Manufacturing code (year, month)
• Climatic category according to
IEC 60068-1, appendix A
• Passive flammability class
ORDERING INFORMATION
PACKING
The box dimensions for bulk packaging are
245 x 145 x 80 mm. Quantity/package as
per article table.
Reels with taped capacitors are packed 10
in a box with dimension 370 x 370 x 560
mm. Quantity/package as per article table.
The standard quantity/reel is for 360 mm
reel. If 500 mm reel is required, it must be
specified when ordering and the quantity is
2 x the given quantity.
The article code for the standard part is given in the article table.
For other options, see page 21.


Similar Part No. - PHE820MF7100MR06L2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE83N03LT PHILIPS-PHE83N03LT Datasheet
308Kb / 15P
   N-channel TrenchMOS transistor
Rev. 01-23 January 2001
logo
List of Unclassifed Man...
PHE840E ETC2-PHE840E Datasheet
361Kb / 3P
   EMI suppressor, class X2, metallized polypropylene(0.01-10 uF, 300 VAC, 105C)
logo
Kemet Corporation
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840EA5120MA01R17 KEMET-PHE840EA5120MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840EA5150MA01R17 KEMET-PHE840EA5150MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
More results

Similar Description - PHE820MF7100MR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE840E ETC2-PHE840E Datasheet
361Kb / 3P
   EMI suppressor, class X2, metallized polypropylene(0.01-10 uF, 300 VAC, 105C)
PHE843 ETC2-PHE843 Datasheet
50Kb / 2P
   EMI suppressor, class X2, metallized polypropylene 0.01-6.8 uF, 275/280 VAC, 105C For replacement, see PHE840M
logo
Kemet Corporation
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KI21005001M KEMET-R46KI21005001M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.01 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 15mm
10/20/2022
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com