Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74F10
Description  Triple 3-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F10 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F10 Datasheet HTML 1Page - NXP Semiconductors 74F10 Datasheet HTML 2Page - NXP Semiconductors 74F10 Datasheet HTML 3Page - NXP Semiconductors 74F10 Datasheet HTML 4Page - NXP Semiconductors 74F10 Datasheet HTML 5Page - NXP Semiconductors 74F10 Datasheet HTML 6Page - NXP Semiconductors 74F10 Datasheet HTML 7Page - NXP Semiconductors 74F10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F10, 74F11
Gates
September 20, 1989
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOl = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
74F10
ICCH
VCC = MAX
VIN = GND
1.8
2.1
mA
ICC
Supply current (total)
74F10
ICCL
VCC = MAX
VIN = 4.5V
6.0
7.7
mA
ICC
Supply current (total)
74F11
ICCH
VCC = MAX
VIN = 4.5V
4.7
6.2
mA
74F11
ICCL
VCC = MAX
VIN = GND
7.2
9.7
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M74HC10 TRIPLE 3-INPUT NAND GATE 1  2  3  4  5  More STMicroelectronics
TC74VHC10F TRIPLE 3-INPUT NAND GATE 1  2  3  4  5  Toshiba Semiconductor
74LCX10 Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
74HC10E TRIPLE 3-INPUT NAND GATE 1  2  3  4  Integral Corp.
54ACTQ10 Quiet Series Triple 3-Input NAND Gate 1  2  3  4  5  National Semiconductor (TI)
HEF4023B Triple 3-input NAND gate 1  2  3  NXP Semiconductors
SN54LS10 TRIPLE 3-INPUT NAND GATE 1  2  3  4  Motorola, Inc
54F10DM Triple 3-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)
IN74HC10A Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
M74HCT10 TRIPLE 3-INPUT NAND GATE 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn