Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8231TK Datasheet(PDF) 6 Page - California Eastern Labs

Part No. UPC8231TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8231TK Datasheet(HTML) 6 Page - California Eastern Labs

Back Button UPC8231TK Datasheet HTML 2Page - California Eastern Labs UPC8231TK Datasheet HTML 3Page - California Eastern Labs UPC8231TK Datasheet HTML 4Page - California Eastern Labs UPC8231TK Datasheet HTML 5Page - California Eastern Labs UPC8231TK Datasheet HTML 6Page - California Eastern Labs UPC8231TK Datasheet HTML 7Page - California Eastern Labs UPC8231TK Datasheet HTML 8Page - California Eastern Labs UPC8231TK Datasheet HTML 9Page - California Eastern Labs UPC8231TK Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
24
22
20
18
16
14
2.4
3.0
3.6
2.6
VCC = VPS
fin = 1 575 MHz
TA = –40 C
+85 C
2.8
3.2
3.4
1.6
1.4
1.2
1.0
0.2
0
2.4
3.0
3.6
2.6
VCC = VPS
fin = 1 575 MHz
TA = +85 C
–40 C
2.8
3.2
3.4
0.4
0.6
0.8
10
0
–10
–30
–50
–30
–10
–40
–20
VCC = VPS = 3 V
fin = 1 575 MHz
TA = +25 C
–20
10
0
–10
–30
–50
–30
–10
–40
–20
VCC = VPS = 3 V
fin = 1 575 MHz
TA = –40 C
–20
10
0
–10
–30
–50
–30
–10
–40
–20
VCC = VPS = 3 V
fin = 1 575 MHz
TA = +85 C
–20
0
+20
–40
–60
–80
–20
–100
–40
–20
0
–30
–10
VCC = VPS = 3 V
fin1 = 1 574 MHz
fin2 = 1 575 MHz
Pout
IM3
+25 C
+25 C
Pin (1dB) = –21.8 dBm
Pin (1dB) = –23.2 dBm
Pin (1dB) = –20.9 dBm
IIP3 = –10.6 dBm
POWER GAIN vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
NOISE FIGURE vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Remark The graphs indicate nominal characteristics.
Data Sheet PU10613EJ01V0DS
6
PC8231TK


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn