Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MW6S010NR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. MW6S010NR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MW6S010NR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor
MW6S010NR1 MW6S010GNR1
TYPICAL CHARACTERISTICS — 900 MHz
0− 60
Pout, OUTPUT POWER (WATTS) AVG.
50
−10
40
−20
30
−30
20
−40
10
−50
0.1
1
10
Gps
ACPR
VDD = 28 Vdc
IDQ = 125 mA
f = 945 MHz
Figure 8. Single-Carrier CDMA ACPR, Power
Gain and Power Added Efficiency
versus Output Power
100
15
20
0.1
0
50
TC = −30_C
25
_C
−30
_C
10
1
19
18
17
16
40
30
20
10
Pout, OUTPUT POWER (WATTS) CW
Figure 9. Power Gain and Power Added
Efficiency versus Output Power
Gps
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain versus Output Power
16 V
IDQ = 125 mA
f = 945 MHz
VDD = 12 V
14
15
19
012
17
16
18
46
8
0
24
500
−25
5
S21
f, FREQUENCY (MHz)
Figure 11. Broadband Frequency Response
S11
20
0
16
−5
12
− 10
8− 15
4
−20
1200
1100
1000
900
800
700
600
VDD = 28 Vdc
Pout = 10 W CW
IDQ = 125 mA
85
_C
25
_C
85
_C
16
10
2
20 V
VDD = 28 Vdc
IDQ = 125 mA
f = 945 MHz
24 V
28 V
32 V
ηD
ηD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn