Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD5019 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PD5019
Description  Telephone Ring Generator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PD5019 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PD5019 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD5019 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PD5019
TELEPHONE RING GENERATOR CONTROLLER
PD5019
US Patent No.
5,828,558
MECHANICAL DETAILS
Top View
D
916
BP
A
1
8
C
G
BASE
PLANE
SEATING
PLANE
K
M
F
Rx45°
J
MILLIMETERS
INCHES
DIM
MAX
MIN
MIN
MAX
A
10.20
10.35
.402
.408
B
7.40
7.60
.292
.298
C
2.40
2.65
.094
.104
D
0.35
0.51
.0138
.020
F
0.40
0.90
.016
.035
G
1.27 BSC
0.50 BSC
J
0.23
0.32
.0091
.0125
K
0.10
0.30
.0040
.0118
M
0
°
8
°
0
°
8
°
P
10.10
10.60
.398
.416
K
0.25
0.75
.010
.029
Notes:
1.
Dimensions and tolerance per ANSI Y14.5M 1982
2.
Controlling dimensions: millimeter.
3.
Dimensions “A” and “B” do not include mold protrusion.
4.
Maximum mold protrusion 0.15mm (0.006”) per side.
5.
Dimension “D” does not include dambar protrusion. Allowable dambar protrusion shall be 0.13mm (0.005”) total in excess of “D”
dimension at maximum metrical condition.
6.
Package type: SOW-16
PowerDsine application engineers will provide technical assistance integrating the PD5019 for customers using more than 10,000 units. For
quantities lower than 10,000 units, use of a modular sine wave ring generator is recommended (PCR-SIN06 Series). To receive PowerDsine
PD5019 applications notes or to obtain technical assistance, please contact your local representative or PowerDsine’s main offices, detailing
your application requirements.


Similar Part No. - PD5019

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
PD500-0XX ANADIGICS-PD500-0XX Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
PD500-1XX ANADIGICS-PD500-1XX Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
logo
Stackpole Electronics, ...
PD5022MT101 SEI-PD5022MT101 Datasheet
591Kb / 7P
   SMD Unshielded Power Inductor
10/03/2019
PD5022MT1R1 SEI-PD5022MT1R1 Datasheet
591Kb / 7P
   SMD Unshielded Power Inductor
10/03/2019
More results

Similar Description - PD5019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
[Old version datasheet]   Resonant Ring Generator Controller
UCC2752 TI1-UCC2752_13 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
logo
Supertex, Inc
HV461 SUTEX-HV461_13 Datasheet
909Kb / 14P
   Ring Generator Controller IC
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
   Ring Generator Controller IC
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
[Old version datasheet]   Single Line Ring Generator Controller
logo
List of Unclassifed Man...
PCR-SIN15V48F00 ETC2-PCR-SIN15V48F00 Datasheet
91Kb / 6P
   15REN@86Vrms to 40REN@45Vrms SINE WAVE TELEPHONE RING GENERATOR
logo
Motorola, Inc
TCA3385 MOTOROLA-TCA3385 Datasheet
64Kb / 1P
   Telephone ring signal converter
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
   High Voltage Ring Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com