Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF100BA50 Datasheet(PDF) 6 Page - SanRex Corporation

Part # SF100BA50
Description  MOSFET MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SF100BA50 Datasheet(HTML) 6 Page - SanRex Corporation

Back Button SF100BA50 Datasheet HTML 2Page - SanRex Corporation SF100BA50 Datasheet HTML 3Page - SanRex Corporation SF100BA50 Datasheet HTML 4Page - SanRex Corporation SF100BA50 Datasheet HTML 5Page - SanRex Corporation SF100BA50 Datasheet HTML 6Page - SanRex Corporation SF100BA50 Datasheet HTML 7Page - SanRex Corporation SF100BA50 Datasheet HTML 8Page - SanRex Corporation SF100BA50 Datasheet HTML 9Page - SanRex Corporation SF100BA50 Datasheet HTML 10Page - SanRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FCA75CC50
Tj
25℃
Tj
125℃
VGS
0V
Pulse Test
Typical
Forward Voltage of Free Wheeling Diode
160
140
120
100
80
60
40
20
1.
2.
3.
Drain-Source Voltage VSDS
(V)
dis dt
100A'μs
VGS
−5V
Typical
25
150
lrr
trr
lrr
trr
Reverse Recovery Characteristics
40
20
10
10
20
50
100
400
200
100
50
20
Source Current -I
(A)
Maximum
50msec
-10sec
50μsec
-50msec
Transient Thermal Impedance(MOSFET)
Timet
(sec)
50μ100μ200μ 500μ 1m
10m 20m 50m
2m
5m
50m100m200m 500m 1
10
10
-1
10
-2
1msec
-50msec
50msec
-10sec
Maximum
Transient Thermal Impedance(D
IODE)
Timet
(sec)
10
10
-1
1m
10m 20m 50m
2m
5m
50m100m200m 500m 1
10


Similar Part No. - SF100BA50

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SF100BA50 SANREX-SF100BA50 Datasheet
481Kb / 3P
   MOSFET MODULE
More results

Similar Description - SF100BA50

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com