Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1CD024V Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-F1CD024V
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1CD024V Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-F1CD024V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1CD024V Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-F1 SERIES
n
CHARACTERISTIC DATA
20
15
10
5
0
0.2
0.4
0.6
0.8
1.0
Operate
Release
Coil power (W)
1.2
Timing
FTR-( )A
16
12
8
6
0
0.2
0.4
0.6
0.8
1.0
Operate
Release
Coil power (W)
1.2
Timing
FTR-( )D
20
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Coil power (W)
0A
5A
7A
Coil temperature rise
0
20
40
60
80
100
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0.6
1.0
0.8
5 A
Ambient temperature (°C)
Operating range
Operate voltage
of cool coil
Operate voltage
of hot coil
0 A
FTR-( )A
0
20
40
60
80
100
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0.6
1.0
0.8
5 A
Ambient temperature (°C)
Operating range
Operate voltage
of cool coil
Operate voltage
of hot coil
0 A
FTR-( )D
10
20
50
100
200
500
10
5
1
2
0.5
0.2
Maximum Switching Power
Contact Voltage (V)
DC Resistive
AC Resistive FTR-F1
50
20
10
5
0
1
2
3
4
Contact load current (A)
5
FTR-( )D
100
AC250 V
DC30 V
AC250V COS ø=0.7
DC30 V t=7ms
Life Curve
AC250V COS ø=0.4
DC30 V t=15ms


Similar Part No. - FTR-F1CD024V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1CD024V FUJITSU-FTR-F1CD024V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1CD024V-RG FUJITSU-FTR-F1CD024V-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1CD024V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com