Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-F1 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. FTR-F1
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-F1 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FTR-F1 SERIES
n
REFERENCE DATA
0
2
4
6
8
10
12
14
100
90
80
70
60
50
40
30
20
10
Contact resistance (m )
Make
Break
Distribution of contact resistance
FTR-F1CA012
n=100
100
80
60
40
20
0
10
20
30
40
50
60
70
Nominal voltage multiplying factor (%)
Operate
Release
80
Distribution of operate and release voltage
FTR-F1CA012
n=100
0
1
2
3
4
5
6
7
Time (ms)
100
80
60
40
20
Operate
Release
8
9 10
Distribution of operate and release time
FTR-F1CA012
n=100
200
100
50
20
10
5
2
200
500
1000
2000
500
Break
Make
100
10
8
6
4
2
0
Operate
Operation (x106)
Operation (x103)
Operation (x103)
Release
Mechanical life test
Electrical life test
Electrical life test
200
100
50
20
10
5
2
500
10
8
6
4
2
0
100
50
Initial
Initial
100
50
Initial
500
200
100
50
20
10
5
2
10
8
6
4
2
0
FTR-FICA012V
n=20
1200 operations/minute
FTR-FICA012V
n=8
10 operations/minute
DC24V, 5 A (resistive)
FTR-FICA012V
n=8
10 operations/minute
AC250 V, 5A (resistive)
Break
Make
Break
Make
Operate
Release
Operate
Release
X X
X
X
X
X
X
X X
x
X
X
X
X
XXX
X
X
X
X
X
X
X
X
X
X
X
X


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FTR-H3SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES 1 2 3 4 5 MoreFujitsu Component Limited.
ALZ21B0516A Low Profile Power Relay 1 2 3 Nais(Matsushita Electric Works)
PC378Low Profile Minature PCB Power Relay 1 2 Picker Components
PCD-PCDF15 Amp Low Profile Power PC Board Relay 1 2 Tyco Electronics
AZ94816 AMP LOW PROFILE POWER RELAY 1 2 List of Unclassifed Manufacturers
PC375Low Profile Minature PCB Power Relay 1 2 Picker Components
HG4518Low Profile Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4509LOW PROFILE MINIATURE PCB POWER RELAY 1 2 List of Unclassifed Manufacturers
CR05ASLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
TPS100LBPTPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION 1 2 3 4 Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn