Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-F1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. FTR-F1
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-F1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-F1 SERIES
n
CHARACTERISTIC DATA
20
15
10
5
0
0.2
0.4
0.6
0.8
1.0
Operate
Release
Coil power (W)
1.2
Timing
FTR-( )A
16
12
8
6
0
0.2
0.4
0.6
0.8
1.0
Operate
Release
Coil power (W)
1.2
Timing
FTR-( )D
20
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Coil power (W)
0A
5A
7A
Coil temperature rise
0
20
40
60
80
100
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0.6
1.0
0.8
5 A
Ambient temperature (°C)
Operating range
Operate voltage
of cool coil
Operate voltage
of hot coil
0 A
FTR-( )A
0
20
40
60
80
100
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0.6
1.0
0.8
5 A
Ambient temperature (°C)
Operating range
Operate voltage
of cool coil
Operate voltage
of hot coil
0 A
FTR-( )D
10
20
50
100
200
500
10
5
1
2
0.5
0.2
Maximum Switching Power
Contact Voltage (V)
DC Resistive
AC Resistive FTR-F1
50
20
10
5
0
1
2
3
4
Contact load current (A)
5
FTR-( )D
100
AC250 V
DC30 V
AC250V COS ø=0.7
DC30 V t=7ms
Life Curve
AC250V COS ø=0.4
DC30 V t=15ms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FTR-H3SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES 1 2 3 4 5 MoreFujitsu Component Limited.
ALZ21B0516A Low Profile Power Relay 1 2 3 Nais(Matsushita Electric Works)
PC378Low Profile Minature PCB Power Relay 1 2 Picker Components
PCD-PCDF15 Amp Low Profile Power PC Board Relay 1 2 Tyco Electronics
AZ94816 AMP LOW PROFILE POWER RELAY 1 2 List of Unclassifed Manufacturers
PC375Low Profile Minature PCB Power Relay 1 2 Picker Components
HG4518Low Profile Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4509LOW PROFILE MINIATURE PCB POWER RELAY 1 2 List of Unclassifed Manufacturers
CR05ASLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
TPS100LBPTPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION 1 2 3 4 Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn