Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194BR-372 Datasheet(PDF) 11 Page - Winbond

Part # W83194BR-372
Description  CLOCK GENERATOR FOR SIS 746/748 CHIPSETS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-372 Datasheet(HTML) 11 Page - Winbond

Back Button W83194BR-372 Datasheet HTML 7Page - Winbond W83194BR-372 Datasheet HTML 8Page - Winbond W83194BR-372 Datasheet HTML 9Page - Winbond W83194BR-372 Datasheet HTML 10Page - Winbond W83194BR-372 Datasheet HTML 11Page - Winbond W83194BR-372 Datasheet HTML 12Page - Winbond W83194BR-372 Datasheet HTML 13Page - Winbond W83194BR-372 Datasheet HTML 14Page - Winbond W83194BR-372 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
W83194BR-372
Publication Release Date: April 13, 2005
- 7 -
Revision 1.1
7.4 Register 3: AGP, 24_48MHz, 48MHz, REF Control (1 =Enable, 0 =Stopped)
(Default: FFh)
BIT
PIN NO
PWD
DESCRIPTION
7
30
1
AGP_1 output control
6
31
1
AGP_0 output control
5
26
1
24_48MHz output control
4
27
1
48MHz output control
3
4
1
REF2 output control
2
3
1
REF1 output control
1
2
1
REF0 output control
0
-
1
Reserved
7.5 Register 4: IOAPIC, ZCLK Control (1 = Enable, 0 = Stopped) (Default: F0h)
BIT
PIN NO
PWD
DESCRIPTION
7
47
1
IOAPIC1 output control
6
46
1
IOAPIC0 output control
5
10
1
ZCLK1 output control
4
9
1
ZCLK0 output control
3
-
0
Reserved
2
SEL<2>
0
1
SEL<1>
0
0
SEL<0>
0
Asynchronous ZCLK/AGP/PCI frequency table selection, SEL<2:0>
001: 132 / 66 / 33M
010:132 / 75.43 / 37.7M
011: 132 / 88 / 44M
100:176 / 88 / 44M
101: 132 / 66 / 33M
110:132 / 75.43 / 33M
111: 132 / 88 / 33M
000: Clock from PLL1
7.6 Register 5: 24_48MHz Control (Default: 88h)
BIT
NAME
PWD
DESCRIPTION
7
SEL24_48
1
24 / 48 MHz output selection, 1: 24 MHz (Default), 0: 48 MHz.
6
Reserved
0
Reserved
5
Reserved
0
Reserved
4
Reserved
0
3
Reserved
1
2
Reserved
0
1
Reserved
0
0
Reserved
0
Reserved


Similar Part No. - W83194BR-372

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
More results

Similar Description - W83194BR-372

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-645 WINBOND-W83194BR-645 Datasheet
308Kb / 24P
   CLOCK GENERATOR FOR SIS 645/650 CHIPSET
logo
Silicon Laboratories
CY284108 SILABS-CY284108 Datasheet
167Kb / 16P
   Clock Generator for Intel짰Blackford and Bayshore Chipsets
logo
SpectraLinear Inc
CY28RS600 SPECTRALINEAR-CY28RS600 Datasheet
208Kb / 17P
   Clock Generator for ATI RS5XX, 6XX Chipsets
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Winbond
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com