Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6206B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U6206B
Description  1.3 GHz PLL for TV- and VCR- Tuner
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6206B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U6206B Datasheet HTML 1Page - TEMIC Semiconductors U6206B Datasheet HTML 2Page - TEMIC Semiconductors U6206B Datasheet HTML 3Page - TEMIC Semiconductors U6206B Datasheet HTML 4Page - TEMIC Semiconductors U6206B Datasheet HTML 5Page - TEMIC Semiconductors U6206B Datasheet HTML 6Page - TEMIC Semiconductors U6206B Datasheet HTML 7Page - TEMIC Semiconductors U6206B Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TELEFUNKEN Semiconductors
U6206B
Rev. A1: 25.10.1995
2 (8)
Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Q2
SDA
95 10722
SCL
SW7
SW4
AS
PD
Q1
RFi
RFi
VS
SW0
SW1
SW2
VD
GND
Pin
Symbol
Function
1
PD
Charge pump output
2
Q1
Crystal
3
Q2
Crystal
4
SDA
Data in/output
5
SCL
Clock
6
SW7
Switching output open collector
7
SW4
Switching output open collector
8
AS
Address select
9
SW2
Switching output open collector
10
SW1
Switching output open collector
11
SW0
Switching output open collector
12
Vs
Supply voltage
13
RFi
RF input
14
RFi
RF input
15
GND
Ground
16
VD
Active filter output
Ordering Information
Extended Type Number
Package
Remarks
U6206B-FPG3
SO16
Taped and reeled
Absolute Maximum Ratings
All voltages are referred to GND (Pin 15).
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pin 12
Vs
–0.3
6
V
RF input voltage
Pins 13,14
RFi
–0.3
Vs
V
Bus input/output voltage
Pin 4
Pin 5
VSDA
VSCL
–0.3
–0.3
Vs
Vs
V
V
SDA output current
Open collector
Pin 4
ISDA
–1
5
mA
Address select voltage
Pin 8
VAS
–0.3
Vs
V
Current switching outputs
Open collector
Pins 11,10
Pins 9,7,6
SW 0,1,
2,4,7
–1
15
mA
Junction temperature
Tj
–40
125
C
Storage temperature
Tstg
–40
125
C


Similar Part No. - U6206B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B-FPG3 TEMIC-U6205B-FPG3 Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6207B-FPG3 TEMIC-U6207B-FPG3 Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
More results

Similar Description - U6206B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com