Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK12C68-K45IM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STK12C68-K45IM
Description  CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK12C68-K45IM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STK12C68-K45IM Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-K45IM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
42
STK12C68-IM
Note b: ICC and ICC are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c: Bringing E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. See MODE SELECTION table.
Note d: VCC reference levels throughout this datasheet refer to VCCX if that is where the power supply connection is made, or VCAP if VCCX is connected to ground.
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
d
ICC
b
Average VCC Current
95
mA
tAVAV = 25ns
85
mA
tAVAV = 35ns
80
mA
tAVAV = 45ns
ICC
Average VCC Current During STORE
7
mA
All inputs
≤ 0.2V or ≥ (V
CC - 0.2V)
ICC
b
Average VCC Current
15
mA
E
≤ 0.2V, W ≥ (V
CC – 0.2V)
at tAVAV = 200ns
others
≤ 0.2V or ≥ (V
CC – 0.2V)
ICC
Average VCC current during AutoStore™ Cycle
4
mA
All inputs
≤ 0.2V or ≥ (V
CC - 0.2V)
ISB
c
Average VCC Current
39
mA
tAVAV = 25ns
(Standby, Cycling TTL Input Levels)
35
mA
tAVAV = 35ns
32
mA
tAVAV = 45ns
E
≥ V
IH; all others cycling
ISB
c
Average VCC Current
3
mA
E
≥ (V
CC – 0.2V)
(Standby, Stable CMOS Input Levels)
all others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current (Any Input)
±1
µAV
CC = max
VIN = VSS to VCC
IOLK
Off State Output Leakage Current
±5
µAV
CC = max
VOUT = VSS to VCC
VIH
Input Logic "1" Voltage
2.2
VCC+.5
V
All Inputs
VIL
Input Logic "0" Voltage
VSS–.5
0.8
V
All Inputs
VOH
Output Logic "1" Voltage
2.4
V
IOUT = –4mA except HSB
VOL
Output Logic "0" Voltage
0.4
V
IOUT = 8mA except HSB
TA
Operating Temperature
-40
85
°C
1
2
3
4
1
2
3
ABSOLUTE MAXIMUM RATINGSa
Voltage on typical input relative to VSS. . . . . . . . . . . . . –0.6V to 7.0V
Voltage on DQ0-7 and G. . . . . . . . . . . . . . . . . . .–0.5V to (VCC+0.5V)
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage temperature. . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1W
DC output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15mA
Note a: Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
(One output at a time, one second duration)
INDUSTRIAL
SYMBOL
PARAMETER
UNITS
NOTES
MIN
MAX
Note e: These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
8
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
CAPACITANCEe (T
A=25°C, f=1.0MHz)
Input Pulse Levels. . . . . . . . . . . . . . . . . . . . . . . . . . . . . V
SS to 3V
Input Rise and Fall Times. . . . . . . . . . . . . . . . . . . . . . . . . .
≤ 5ns
Input and Output Timing Reference Levels. . . . . . . . . . . . . . 1.5V
Output Load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
AC TEST CONDITIONS
5.0V
Output
480 Ohms
30pF
INCLUDING
SCOPE
AND FIXTURE
255 Ohms
Figure 1: AC Output Loading
1
3


Similar Part No. - STK12C68-K45IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-K45I ETC-STK12C68-K45I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK12C68-K45IM

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com