Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK12C68-L35IM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK12C68-L35IM
Description  CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK12C68-L35IM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK12C68-L35IM Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-L35IM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
44
STK12C68-IM
NO.
PARAMETER
UNITS
WRITE CYCLES #1 & #2
WRITE CYCLE #1: W CONTROLLED i
WRITE CYCLE #2: E CONTROLLED i
Note h: Measured
±200mV from steady state output voltage.
Note i: E or W must be
≥VIH during address transitions.
Note j: If W is low when E goes low, the outputs remain in the high impedance state.
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
30
35
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
30
35
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
18
20
ns
16
tWHDX
tEHDX
tDH
Data Hold After End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
30
35
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold After End of Write
0
0
0
ns
20
tWLQZ
h,j
tWZ
Write Enable to Output Disable
10
17
20
ns
21
tWHQX
tOW
Output Active After End of Write
5
5
5
ns
SYMBOLS
STK12C68-25-IM
STK12C68-35-IM
STK12C68-45-IM
PREVIOUS DATA
ADDRESS
E
W
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
12
tAVAV
14
tELWH
19
tWHAX
17
tAVWH
18
tAVWL
13
tWLWH
15
tDVWH
16
tWHDX
20
tWLQZ
21
tWHQX
ADDRESS
E
W
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
12
tAVAV
18
tAVEL
14
tELEH
19
tEHAX
17
tAVEH
13
tWLEH
15
tDVEH
16
tEHDX
(VCC = 5.0V ± 10%)d
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX


Similar Part No. - STK12C68-L35IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-L35I ETC-STK12C68-L35I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK12C68-L35I CYPRESS-STK12C68-L35I Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
More results

Similar Description - STK12C68-L35IM

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com