Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTF3055L175T3LF Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTF3055L175T3LF
Description  Power MOSFET 2.0 A, 60 V, Logic Level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF3055L175T3LF Datasheet(HTML) 6 Page - ON Semiconductor

  NTF3055L175T3LF Datasheet HTML 1Page - ON Semiconductor NTF3055L175T3LF Datasheet HTML 2Page - ON Semiconductor NTF3055L175T3LF Datasheet HTML 3Page - ON Semiconductor NTF3055L175T3LF Datasheet HTML 4Page - ON Semiconductor NTF3055L175T3LF Datasheet HTML 5Page - ON Semiconductor NTF3055L175T3LF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTF3055L175
http://onsemi.com
6
PACKAGE DIMENSIONS
STYLE 3:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
H
S
F
A
B
D
G
L
4
12
3
0.08 (0003)
C
M
K
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.249
0.263
6.30
6.70
INCHES
B
0.130
0.145
3.30
3.70
C
0.060
0.068
1.50
1.75
D
0.024
0.035
0.60
0.89
F
0.115
0.126
2.90
3.20
G
0.087
0.094
2.20
2.40
H 0.0008 0.0040
0.020
0.100
J
0.009
0.014
0.24
0.35
K
0.060
0.078
1.50
2.00
L
0.033
0.041
0.85
1.05
M
0
10
0
10
S
0.264
0.287
6.70
7.30
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
__
_
_
SOT−223 (TO−261)
CASE 318E−04
ISSUE K
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.5
0.059
SOT−223
mm
inches
SCALE 6:1
3.8
0.15
2.0
0.079
6.3
0.248
2.3
0.091
2.3
0.091
2.0
0.079
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTF3055L175/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTF3055L175T3LF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTF3055L175T1G VBSEMI-NTF3055L175T1G Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTF3055L175T3LF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV18N06LT4G ONSEMI-NTDV18N06LT4G Datasheet
169Kb / 8P
   Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK
August, 2011 ??Rev. 6
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
80Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
December, 2005 ??Rev. 4
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
NVF3055L108T3G ONSEMI-NVF3055L108T3G Datasheet
79Kb / 6P
   3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTP75N06L ONSEMI-NTP75N06L Datasheet
72Kb / 8P
   POWER MOSFET 75 AMPS, 60 VOLTS, LOGIC LEVEL
April, 2001 ??Rev. 0
NTD20N06L ONSEMI-NTD20N06L Datasheet
89Kb / 12P
   Power MOSFET 20 Amps, 60 Volts, Logic Level
August, 2003 ??Rev. 1
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com